Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9850EVCMOD2 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9850EVCMOD2
Description  On-Board 12MHz Crystal Oscillator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9850EVCMOD2 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9850EVCMOD2 Datasheet HTML 2Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 3Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 4Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 5Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 6Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 7Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
down boxes. Zero-Crossing Detection and Debounce
Delay are also controlled through the interface. For a
detailed description of zero-crossing detection and
debounce delay, refer to the MAX9850 data sheet.
Clicking the Force Headphone Mono Mode checkbox
mutes the right channel and outputs a left/right-channel
mix on the left channel.
Power Management
Power-management features of the MAX9850 are
accessed through the Power tab (Figure 4).
Power enables for the MCLK input, charge pump, line
out, line in, DAC input, and headphone output are
accessed through the Power Management box.
The MAX9850 charge pump can operate either an
internal 666.7kHz oscillator or frequency derived from
the master clock. Force the MAX9850 to use the inter-
nal oscillator by checking the Use Internal Oscillator
checkbox. When the Use Internal Oscillator checkbox
is unchecked, set the charge-pump clock divider by
adjusting the Clock Division Ratio slider. Refer to the
MAX9850 Evaluation System/Evaluation Kit
6
_______________________________________________________________________________________
Figure 4. MAX9850 EV Kit Software Power Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com