Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9850EVCMOD2 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9850EVCMOD2
Description  On-Board 12MHz Crystal Oscillator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9850EVCMOD2 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9850EVCMOD2 Datasheet HTML 1Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 2Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 3Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 4Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 5Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 6Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 7Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MAX9850 Evaluation System/Evaluation Kit
4
_______________________________________________________________________________________
Figure 1. MAX9850 EV Kit Software Main Window
Detailed Description
of Software
Note: Words in bold are user-selectable features and
status flags in the software.
User-Interface Panel
The user interface (Figure 1) is easy to operate; use the
mouse, or a combination of the Tab and Arrow keys to
manipulate the software. Each of the buttons corre-
sponds to bits in the command and configuration
bytes. By clicking on them, the correct I2C write opera-
tion is generated to update the internal registers of the
MAX9850 or the on-board S/PDIF receiver.
The software divides EV kit functions into logical
blocks. The Interface box indicates the current Device
Address, the Register Address Sent, and the Data
Sent/Received for the last read/write operation. This
data is used to confirm proper device operation.
Headphone, Power, Clock Setup, Digital Audio/
Configuration, and Receiver functions are accessed
through tab sheets. MAX9850 status and interrupt con-
trol are accessed through the MAX9850 Status box.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com