Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9850EVCMOD2 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9850EVCMOD2
Description  On-Board 12MHz Crystal Oscillator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9850EVCMOD2 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9850EVCMOD2 Datasheet HTML 1Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 2Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 3Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 4Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 5Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 6Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 7Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
The status bar displays vital MAX9850 clock information.
Return the EV kit to its power-on-reset state by clicking
the POR Reset button. Power up the MAX9850 by
clearing the MAX9850 Global Shutdown checkbox.
Power up the receiver (U2) by selecting the Receiver
Enabled checkbox.
The MAX9850 EV kit software features additional func-
tions to simplify operation. Automatic Diagnostics
probes the command module board and the MAX9850
EV kit to make sure that all connections are made, and
all devices are working. This will create some activity
on the I2C bus. The Silence I2C-bus Activity check-
box will reduce I2C bus activity to allow easy triggering
of an oscilloscope.
The Auto Setup button further reduces user input. When
this button is pressed, the software will do the following:
1) Search both EV kit S/PDIF inputs for a valid signal
and then set the on-board multiplexer accordingly.
2) Power up the receiver IC as well as vital sections of
the MAX9850.
3) Set internal clock dividers based on the incoming
master clock frequency.
4) Set the MSB(14:8) and LSB(7:0) bits based on the
desired mode of operation.
5) Set the charge-pump clock division bits if the
MAX9850 is not using the internal oscillator.
The Auto Setup button is intended to simplify user
interaction by placing the EV kit into a known-good
mode of operation.
MAX9850 Status/Interrupt
The MAX9850 EV kit software defaults to a state that
continually polls the device for new status data and
monitors the alert conditions. The contents of the status
register are displayed in the MAX9850 Status group
box (Figure 2). Changes in the GPIO state, PLL lock,
headphones present, volume, and output overload can
be set to trigger an interrupt by checking the check-
box next to the desired information.
To disable continuous polling of data, uncheck the
Automatic Status Read checkbox (Figure 1). Force a
manual status register read by clicking the Read
Status button.
If an interrupt condition is generated, the message
INTERRUPT appears next to the interrupt status label.
If enabled, the program will disable automatic reading
of the status register.
Status Bar
The status bar (Figure 3) displays the MAX9850 master
clock, internal clock, and charge-pump clock frequen-
cies. By default it is updated automatically; however, this
feature can be turned off (see the
Clock Setup section).
Headphone Control
The Headphones tab (Figure 1) allows access to the
MAX9850 headphone-related controls.
Headphone volume can be adjusted in dB increments by
adjusting the Volume Control slider. The dB increments
are not evenly spaced and are detailed further in the
MAX9850 data sheet. Alternatively, a number can be
entered in the box below the Volume Control slider. If a
number that does not match a predefined dB increment
is entered, the software automatically rounds the number
to the nearest valid dB increment and sends the appro-
priate I2C data to the MAX9850. Mute the HP output by
selecting the Mute checkbox.
Additional headphone control is also provided through
the Headphone Features box. Slew Rate Control is
controlled through the respective check and drop-
MAX9850 Evaluation System/Evaluation Kit
_______________________________________________________________________________________
5
Figure 2. MAX9850 EV Kit Software Status Window
Figure 3. MAX9850 EV Kit Software Status Bar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com