Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9850EVCMOD2 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9850EVCMOD2
Description  On-Board 12MHz Crystal Oscillator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9850EVCMOD2 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9850EVCMOD2 Datasheet HTML 1Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 2Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 3Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 4Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 5Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 6Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 7Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Quick Start
Recommended Equipment
• Computer running Windows 98, 2000, or XP
• Serial port (this is a 9-pin socket on the back of the
computer)
• Standard 9-pin, straight-through, male-to-female
cable (serial extension cable) to connect the com-
puter’s serial port to the Maxim command module
interface board
• CMOD232 command module with included wall
cube power source
• Two 3.0V/100mA DC power supplies
• One pair of headphones (16
Ω or greater)
• One digital audio S/PDIF signal source
Procedure
The MAX9850 EV kit is fully assembled and tested.
Follow the steps below to verify board operation.
Caution: Do not turn on the power supply until all
connections are completed.
Command Module Setup
1) Enable the SDA/SCL pullup resistors on the com-
mand module by setting both switches (SW1) to the
on position.
2) Set the command module working voltage to 3.3V
by placing a shunt across pins 1-2 of the VDD
select jumper.
3) Connect a cable from the computer’s serial port to
the command module (CMOD232) interface board.
Use a
straight-through 9-pin male-to-female cable.
To avoid damaging the EV kit or your computer, do
not use a 9-pin null-modem cable or any other pro-
prietary interface cable that is physically similar to
the straight-through cable.
4) Connect the provided wall cube power supply to
the CMOD232 board.
EV Kit Setup
1) Visit www.maxim-ic.com/evkitsoftware to down-
load the latest version of the EV kit software,
9850Rxx.ZIP. Save the EV kit software to a tempo-
rary folder and uncompress the ZIP file.
2) Install the EV kit software on your computer by run-
ning the INSTALL.EXE program inside the tempo-
rary folder. The program files are copied and icons
are created in the Windows Start | Programs
menu.
3) Ensure that the I2C address of the MAX9850 is set
to 0x20h by verifying that a shunt is placed across
pins 1-2 of jumper JU1.
4) Ensure that a shunt is installed on jumper JU2
5) Connect the first 3.0V power supply to the DVDD
and corresponding GND pads.
6) Connect the second 3.0V power supply to the
PVDD and corresponding GND pads.
7) Connect the S/PDIF signal source to either J2 (opti-
cal) or J7 (electrical)
8) Insert a pair of 16
Ω headphones into the head-
phone jack J8.
9) Carefully align the 20-pin connector of the
MAX9850 EV kit with the 20-pin header of the
CMOD232 interface board. Gently press them
together.
10) Plug the CMOD232 wall cube into an electrical outlet.
11) Turn on both of the 3.3V power supplies
12) Enable the stereo audio sources.
13) Start the MAX9850 program by opening its icon in
the Start | Programs menu.
14) Normal device operation can be verified by
the “Status: MAX9850 Operational” text in the
Interface box.
15) To autoconfigure the MAX9850 in a functional state,
use the “auto setup” feature in the MAX9850 software.
MAX9850 Evaluation System/Evaluation Kit
_______________________________________________________________________________________
3
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV kit files on your computer
MAX9850.EXE
Application program
UNINST.INI
Uninstalls the EV kit software
MAX9850 EV Kit Files



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com