Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9850EVCMOD2 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9850EVCMOD2
Description  On-Board 12MHz Crystal Oscillator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9850EVCMOD2 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9850EVCMOD2 Datasheet HTML 4Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 5Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 6Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 7Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 10Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 11Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
MAX9850 Evaluation System/Evaluation Kit
8
_______________________________________________________________________________________
Figure 6. Master (Non-Integer) Mode
Figure 7. Master (Integer) Mode
Provided Clock selection. Depending on the desired
mode of operation (see the
MAX9850 Mode Setup sec-
tion) digital audio data can be synchronized to the
master clock signal. The on-board S/PDIF receiver per-
forms the synchronization of the digital audio data to
the chosen MAX9850 master clock signal. To synchro-
nize the digital audio to the MAX9850 master clock,
check the Synchronize Data with Clock checkbox.
Note: When using the Recovered Master Clock as the
master clock frequency, the digital audio data will
always be synchronized.
The MAX9850 uses a frequency-divided master clock
signal throughout the IC (see the
MAX9850 Mode
Setup section). Select the desired internal clock-divider
ratio from the Internal Clock Divide Ratio pulldown.
The MAX9850 EV kit software is capable of calculating
the master clock, internal clock, and charge-pump
clock frequencies. Press the Update Clocks in Status
Bar button to display the calculated values. Checking
the Automatically Update Clocks checkbox will
update the calculated values on a regular basis.
MAX9850 Mode Setup
The MAX9850 Mode Setup window alters its appear-
ance depending on which mode is selected. Figures
6–9 show the different appearances of these windows.
Both Master (Non-Integer) and Master (Integer)
modes of the MAX9850 EV kit software (Figures 6 and
7) are similar in operation. Select Manual Control to
write directly to the MAX9850 registers. Enter the num-
ber in the MSB/LSB edit box in Master (Non-Integer)
and LSB in Master (Integer) mode and press the
Update button to write to the MAX9850. Alternatively,
the Automatic mode can be selected and a desired
Figure 8. Slave (Non-Integer) Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com