Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7282-00FVC Datasheet(PDF) 42 Page - Dialog Semiconductor

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7282-00FVC Datasheet(HTML) 42 Page - Dialog Semiconductor

Back Button DA7282-00FVC Datasheet HTML 38Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 39Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 40Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 41Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 42Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 43Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 44Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 45Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 46Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 77 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with Multiple
Input Triggers and Integrated Waveform Memory
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
42 of 77
© 2019 Dialog Semiconductor
5.7.19
VDDIO/EN Pin Control
The VDDIO/EN pin controls the entry and exit of the device from OFF state. When VDDIO_EN = 0 V,
DA7282 is OFF and consumes typ. 5 nA of current from the VDD pin. Setting VDDIO_EN = VDDIO (the
system supply level) enables the device and, after the initial boot sequence, it will reach IDLE state
with typ. 680 nA of current consumption. Note that the device will have been hardware reset when it
comes out of the OFF mode.
For lowest OFF mode current consumption control the enable function via a host-side GPIO push-
pull that connects the VDDIO/EN pin either to GND or to the system VDDIO supply.
If the VDDIO/EN pin is only needed as a device hardware reset, where it will only be pulled low for a
short time (therefore IDLE state power consumption is not an issue), a possible system solution is to
use an open-drain output with a pull-up resistor to the system VDDIO supply. In this configuration a
larger pull-up resistor might require an additional capacitor.
For recommended configurations and component values for the two examples, see Figure 24 and
Table 17.
Host
GPIO
Driver
DA7282
GPIO
system VDDIO supply
GND
VDDIO/EN
R
C
Host
GPIO
Driver
DA7282
GPIO
system VDDIO supply
GND
VDDIO/EN
R
C
Open Drain GPIO
(for hardware reset function only)
Push-Pull GPIO
(for best OFF mode current consumption)
Figure 24: VDDIO/EN Pin Control in Push-Pull Configuration and Open Drain Configuration
Table 17: VDDIO/EN Pin Control Recommended Values of R and C
Pullup Resistor R
(kΩ)
Decoupling Capacitor C (pF)
< 200
None
0.2 to 2.2
100
2.2 to 10
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com