Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7282-00FVC Datasheet(PDF) 30 Page - Dialog Semiconductor

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7282-00FVC Datasheet(HTML) 30 Page - Dialog Semiconductor

Back Button DA7282-00FVC Datasheet HTML 26Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 27Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 28Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 29Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 30Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 31Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 32Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 33Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 34Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with Multiple
Input Triggers and Integrated Waveform Memory
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
30 of 77
© 2019 Dialog Semiconductor
5.6.5.4
Register Triggered Waveform Memory (RTWM) Mode
The following registers should be set up prior to operation in RTWM mode:
● Set FREQ_WAVEFORM_TIMEBASE according to the minimum or maximum sequence timebase
required.
● Set SNP_MEM_x (where x = 0 to 99), see Section 5.8.
● If custom waveform sequences are required, see Section 5.7.5.
● Set WAV_MEM_LOCK = 0 to prohibit access to the waveform memory if required.
Figure 15 shows how to operate the device in RTWM mode.
1. While in the IDLE or STANDBY state, configure PS_SEQ_ID and PS_SEQ_LOOP to select the
desired sequence from Waveform Memory.
2. For first-time playback, set OPERATION_MODE = 3. On subsequent sequence playbacks, this
step can be skipped (if OPERATION_MODE = 3). The haptic sequence will not begin playing
until a start event is created by setting SEQ_START = 1.
3. While in the DRIVE state, set SEQ_CONTINUE = 1 to repeat the sequence.
4. When the haptic sequence is completed, DA7282 will signal this by setting nIRQ = 0 and setting
SEQ_DONE_M = 1. DA7282 will then return to IDLE or STANDBY state, depending on the value
of STANDBY_EN.
5. Clear the nIRQ and SEQ_DONE_M signals, set SEQ_DONE_M =1.
6. At any time during operation in RTWM mode, set OPERATION_MODE or SEQ_START = 0 to
return to the IDLE or STANDBY state.
Output starts
switching
Write
OPERATION_MODE = 3
IDLE/STANDBY
Sequence
playback
Write SEQ_DONE_M = 1
to clear register and nIRQ
DA7282
ready to
play next
sequence
Sequence is
continued
Are PS_SEQ_ID and
PS_SEQ_LOOP already
configured?
Configure the
PS_SEQ_LOOP
register
Yes
No
Create a start
event by writing to
SEQ_START
SEQ_CONTINUE = 1?
Select a sequence
via PS_SEQ_ID
No
Yes
OPERATION_MODE = 3?
Yes
No
nIRQ = 0 and
SEQ_DONE_M = 1
Sequence playback is
complete and output
stops switching
SEQ_CONTINUE
can be set if
required during
playback
Can be skipped
for subsequent
sequence
playbacks
Figure 15: Operation in RTWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com