Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7282-00FVC Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7282-00FVC Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button DA7282-00FVC Datasheet HTML 33Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 34Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 35Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 36Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 37Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 38Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 39Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 40Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with Multiple
Input Triggers and Integrated Waveform Memory
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
37 of 77
© 2019 Dialog Semiconductor
Configure the following bits to enable custom waveform operation:
● BEMF_SENSE_EN = 0
● WAVEGEN_MODE = 1
● V2I_FACTOR_FREEZE = 1
● DELAY_H = 0
● DELAY_SHIFT_L = 0
● DELAY_FREEZE = 1
● ACCELERATION_EN = 0
● RAPID_STOP_EN = 0
● AMP_PID_EN = 0
After the above setup is executed, amplitude data can be streamed in any mode, see Section 5.6.5,
and output frequency can be updated, see Section 5.7.6.
5.7.7
Embedded Operation
Should DA7282 be required to operate in a setup where no host is present or due to software
limitations unable to communicate with the device during its required operation, DA7282 can operate
in embedded operation by setting EMBEDDED_MODE = 1. In this case DA7282 is configured to
clear all system faults as it enters inactive mode when playback is finished or if a fault has been
detected, see Section 5.6.6.
For example, if a short circuit occurs, the system will react in its usual way: stop driving, disable the
current loop, and go to Inactive mode. Once in Inactive mode, the generated interrupt is
automatically cleared and DA7282 will attempt to drive again on the next playback request without
the host having to come in and clear faults.
5.7.8
Polarity Change Reporting for Half-Period Control in DRO Mode
For advanced sequence playback in DRO mode, the host may require DA7282 to update the output
drive amplitude every half period. Since the I2C clock is asynchronous to the DA7282 internal clock
and the exact timing of the half-period will change dynamically based on the frequency tracking loop,
this is not a trivial operation.
To overcome this limitation, the register POLARITY provides feedback. POLARITY toggles at the
start of every half-period (so at a rate of 400 Hz for a 200 Hz resonant frequency actuator). This
allows software synchronization of the updates to the OVERRIDE_VAL, see Figure 19.
Did POLARITY
toggle?
Update
OVERRIDE_VAL
Wait 25 µs
Yes
Read POLARITY
register
No
Figure 19: Half-Period Control in DRO Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com