Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7282-00FVC Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7282-00FVC Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button DA7282-00FVC Datasheet HTML 28Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 29Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 30Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 31Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 32Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 33Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 34Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 35Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with Multiple
Input Triggers and Integrated Waveform Memory
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
32 of 77
© 2019 Dialog Semiconductor
Output starts
switching
Write
OPERATION_MODE = 4
IDLE/STANDBY
Sequence
playback
Write
SEQ_DONE_M = 1
to clear register and
nIRQ
DA7282
ready to
play next
sequence
Sequence is
continued
Are
PS_SEQ_ID and
PS_SEQ_LOOP already
configured?
Configure the
PS_SEQ_LOOP
register
Yes
No
Trigger via GPIx
or I
2C
SEQ_CONTINUE = 1?
Select a sequence
via PS_SEQ_ID
No
Yes
OPERATION_MODE = 4?
Yes
No
nIRQ = 0 and
SEQ_DONE_M = 1
Sequence playback is
complete and output
stops switching
Are
GPIx_SEQUENCE_ID,
GPIx_MODE, and
GPIx_POLARITY already
configured?
Yes
No
Configure
GPIx_SEQUENCE_ID
Configure GPIx_MODE
Configure
GPIx_POLARITY
SEQ_CONTINUE
can be set if
required during
playback
Can be skipped
for subsequent
sequence
playbacks
Figure 16: Operation in ETWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com