Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7282-00FVC Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7282-00FVC Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button DA7282-00FVC Datasheet HTML 18Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 19Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 20Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 21Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 22Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 23Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 24Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 25Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with Multiple
Input Triggers and Integrated Waveform Memory
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
22 of 77
© 2019 Dialog Semiconductor
5.2.6
Register Triggered Waveform Memory Mode
If sequence consistency or I2C bus availability is a concern, register triggered waveform memory
mode (RTWM) mode can be used to play back previously defined sequences from the Waveform
Memory, see Section 5.8, via I2C register trigger only. Enter this mode by setting
OPERATION_MODE = 3.
5.2.6.1
I2C Triggering and Sequence Looping
Sequence selection is done via PS_SEQ_ID with the additional option to loop the sequence up to
16 times using PS_SEQ_LOOP. To trigger a sequence, set SEQ_START = 1. Once a sequence
completes, the event is reported by dropping the nIRQ pin low and signaling via SEQ_DONE_M.
To repeat a sequence immediately following completion of playback, set SEQ_CONTINUE = 1.
5.2.7
Edge Triggered Waveform Memory Mode
If there is no host available, or for minimal host interaction, edge triggered waveform memory mode
(ETWM) mode can be used to play back a previously defined sequences from the Waveform
Memory, see Section 5.8, via external GPI edge trigger or also via I2C trigger, as in RTWM mode.
The ETWM is also useful if deterministic timing is required without reliance on the I2C bus.
Each of the GPI_0, GPI_1, and GPI_2 pins can be independently configured and will react according
to the setting in GPIx_POLARITY as follows:
● Rising edge trigger, GPIx_POLARITY = 0: only a rising GPI edge creates an event that triggers a
pre-programmed sequence.
● Falling edge trigger, GPIx_POLARITY = 1: only a falling GPI edge creates an event that triggers
a pre-programmed sequence.
● Rising and falling edge trigger, GPIx_POLARITY = 2: both edges create events that trigger a pre-
programmed sequence.
Any event received during playback from any GPI after the initial GPI trigger event will result in a
sequence stop.
● There are two ways of reacting to a GPI event based on GPIx_MODE:
● Single sequence, GPIx_MODE = 0: no matter how many times a particular GPI is triggered, it will
play the sequence located at GPIx_SEQUENCE_ID.
● Multi-sequence, GPIx_MODE = 1: odd GPI events trigger the sequence at
GPIx_SEQUENCE_ID, while even GPI events trigger the sequence located at the value of
GPIx_SEQUENCE_ID + 1 bit.
In ETWM mode, a maximum of six different sequences can be configured (two per GPI, when multi-
sequence mode is enabled). The desired haptic sequence for each GPI must be set by programming
GPIx_SEQUENCE_ID.
Once a sequence has finished playing, a signal is sent via the nIRQ pin and DA7282 automatically
returns to IDLE state, assuming STANDBY_EN = 0, to await the next trigger event.
Sequence looping operates in the same way as RTWM mode, see Section 5.2.6.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com