Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX6SDLCEC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 3 Page - NXP Semiconductors

  IMX6SDLCEC Datasheet HTML 1Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 2Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 3Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 4Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 5Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 6Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 7Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 8Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 169 page
background image
Introduction
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
3
software downloads. The security features are discussed in detail in the i.MX 6Solo/6DualLite
Security Reference Manual (IMX6DQ6SDLSRM).
•
Integrated power management—The processors integrate linear regulators and internally generate
voltage levels for different domains. This significantly simplifies system power management
structure.
1.1
Ordering Information
Table 1 provides examples of orderable part numbers covered by this data sheet. Table 1 does not include
all possible orderable part numbers. The latest part numbers are available on the web page
nxp.com/imx6series. If the desired part number is not listed in Table 1, go to nxp.com/imx6series or
contact a NXP representative for details.
Table 1. Example Orderable Part Numbers
Part Number
i.MX6 CPU
Solo/
DualLite
Options
Speed
Grade1
Temperature
Grade
Package
MCIMX6U8DVM10AB DualLite With VPU, GPU, EPDC, MLB
2x Arm Cortex-A9 64-bit DDR
1 GHz
Commercial 21 mm x 21 mm,
0.8 mm pitch, MAPBGA
MCIMX6U8DVM10AC DualLite With VPU, GPU, EPDC, MLB
2x Arm Cortex-A9 64-bit DDR
1 GHz
Commercial 21 mm x 21 mm,
0.8 mm pitch, MAPBGA
MCIMX6U8DVM10AD DualLite With VPU, GPU, EPDC, MLB
2x Arm Cortex-A9 64-bit DDR
1 GHz
Commercial 21 mm x 21 mm, 0.8 mm
pitch, MAPBGA
MCIMX6U5DVM10AB DualLite With VPU, GPU, MLB, no EPDC
2x Arm Cortex-A9 64-bit DDR
1 GHz
Commercial 21 mm x 21 mm,
0.8 mm pitch, MAPBGA
MCIMX6U5DVM10AC DualLite With VPU, GPU, MLB, no EPDC
2x Arm Cortex-A9 64-bit DDR
1 GHz
Commercial 21 mm x 21 mm,
0.8 mm pitch, MAPBGA
MCIMX6U5DVM10AD DualLite With VPU, GPU, MLB, no EPDC
2x Arm Cortex-A9 64-bit DDR
1 GHz
Commercial 21 mm x 21 mm, 0.8 mm
pitch, MAPBGA
SCIMX6U5DVM10CB
DualLite HDCP enabled with VPU, GPU, MLB, no
EPDC
2x Arm Cortex-A9 64-bit DDR
1 GHz
Commercial 21 mm x 21 mm,
0.8 mm pitch, MAPBGA
SCIMX6U5DVM10CC
DualLite HDCP enabled with VPU, GPU, MLB, no
EPDC
2x Arm Cortex-A9 64-bit DDR
1 GHz
Commercial 21 mm x 21 mm,
0.8 mm pitch, MAPBGA
SCIMX6U5DVM10CD
DualLite HDCP enabled with VPU, GPU, MLB, no
EPDC
2x Arm Cortex-A9 64-bit DDR
1 GHz
Commercial 21 mm x 21 mm, 0.8 mm
pitch, MAPBGA
MCIMX6U5EVM10AB
DualLite With VPU, GPU, MLB, no EPDC
2x Arm Cortex-A9 64-bit DDR
1 GHz
Extended
Commercial
21 mm x 21 mm,
0.8 mm pitch, MAPBGA
MCIMX6U5EVM10AC DualLite With VPU, GPU, MLB, no EPDC
2x Arm Cortex-A9 64-bit DDR
1 GHz
Extended
Commercial
21 mm x 21 mm,
0.8 mm pitch, MAPBGA
MCIMX6U5EVM10AD DualLite With VPU, GPU, MLB, no EPDC
2x Arm Cortex-A9 64-bit DDR
1 GHz
Extended
Commercial
21 mm x 21 mm, 0.8 mm
pitch, MAPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com