Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX6SDLCEC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 1 Page - NXP Semiconductors

  IMX6SDLCEC Datasheet HTML 1Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 2Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 3Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 4Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 5Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 6Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 7Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 8Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 169 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: IMX6SDLCEC
Rev. 9, 11/2018
Package Information
Plastic Package
BGA Case 2240 21 x 21 mm, 0.8 mm pitch
Ordering Information
See Table 1 on page 3
NXP Reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products
MCIMX6SxDxxxxxB
MCIMX6SxDxxxxxC
MCIMX6SxDxxxxxD
MCIMX6UxDxxxxxB
MCIMX6UxDxxxxxC
MCIMX6UxDxxxxxD
MCIMX6SxExxxxxB
MCIMX6SxExxxxxC
MCIMX6SxExxxxxD
MCIMX6UxExxxxxB
MCIMX6UxExxxxxC
MCIMX6UxExxxxxD
1
Introduction
The i.MX 6Solo/6DualLite processors represent the
latest achievement in integrated multimedia-focused
products offering high performance processing with
lower cost, as well as optimization for low power
consumption.
The processors feature advanced implementation of
single/dual Arm® Cortex®-A9 core, which operates at
speeds of up to 1 GHz. They include 2D and 3D graphics
processors, 1080p video processing, and integrated
power management. Each processor provides a 32/64-bit
DDR3/DDR3L/LPDDR2-800 memory interface and a
number of other interfaces for connecting peripherals,
such as WLAN, Bluetooth®, GPS, hard drive, displays,
and camera sensors.
The i.MX 6Solo/6DualLite processors are specifically
useful for applications such as:
•
Web and multimedia tablets
•
Web and multimedia tablets
i.MX 6Solo/6DualLite
Applications Processors
for Consumer Products
1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1
1.1
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . .3
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5
1.3
Updated Signal Naming Convention . . . . . . . . . . . .9
2
Architectural Overview . . . . . . . . . . . . . . . . . . . . . . . . . . .10
2.1
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
3
Modules List . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
3.1
Special Signal Considerations . . . . . . . . . . . . . . . .21
3.2
Recommended Connections for Unused Analog
Interfaces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
4
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . .23
4.1
Chip-Level Conditions . . . . . . . . . . . . . . . . . . . . . .23
4.2
Power Supplies Requirements and Restrictions . .33
4.3
Integrated LDO Voltage Regulator Parameters . . .34
4.4
PLL’s Electrical Characteristics . . . . . . . . . . . . . . .36
4.5
On-Chip Oscillators . . . . . . . . . . . . . . . . . . . . . . . .38
4.6
I/O DC Parameters . . . . . . . . . . . . . . . . . . . . . . . . .39
4.7
I/O AC Parameters . . . . . . . . . . . . . . . . . . . . . . . . .44
4.8
Output Buffer Impedance Parameters . . . . . . . . . .49
4.9
System Modules Timing . . . . . . . . . . . . . . . . . . . . .52
4.10 General-Purpose Media Interface (GPMI) Timing .64
4.11 External Peripheral Interface Parameters . . . . . . .72
5
Boot Mode Configuration . . . . . . . . . . . . . . . . . . . . . . . .134
5.1
Boot Mode Configuration Pins . . . . . . . . . . . . . . .134
5.2
Boot Device Interface Allocation . . . . . . . . . . . . .135
6
Package Information and Contact Assignments . . . . . .136
6.1
Updated Signal Naming Convention . . . . . . . . . .136
6.2
21x21 mm Package Information. . . . . . . . . . . . . .137
7
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .163


Similar Part No. - IMX6SDLCEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX6SDLAEC NXP-IMX6SDLAEC Datasheet
3Mb / 169P
i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
More results

Similar Description - IMX6SDLCEC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
Applications Processors for Consumer Products
logo
NXP Semiconductors
IMXRT1060CEC NXP-IMXRT1060CEC Datasheet
1Mb / 111P
i.MX RT1060 Crossover Processors for Consumer Products
Rev. 0.2, 02/2020
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
IMX6DQCEC NXP-IMX6DQCEC Datasheet
3Mb / 171P
i.MX 6Dual/6Quad Applications Processors for Consumer Products
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
IMX6DQPCEC NXP-IMX6DQPCEC Datasheet
3Mb / 168P
i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products
Rev. 3, 11/2018
IMX6SDLAEC NXP-IMX6SDLAEC Datasheet
3Mb / 169P
i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
IMXRT1060XCEC NXP-IMXRT1060XCEC Datasheet
1Mb / 102P
i.MX RT1060X Crossover Processors for Consumer Products
Rev. 1 - 06/2022
IMXRT1040CEC NXP-IMXRT1040CEC Datasheet
1Mb / 106P
i.MX RT1040 Crossover Processors for Consumer Products
Rev. 2 - 01/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com