Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX6SDLCEC Datasheet(PDF) 95 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 91Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 92Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 93Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 94Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 95Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 96Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 97Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 98Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 169 page
background image
Electrical Characteristics
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
95
4.11.10.2.2 Gated Clock Mode
The IPUx_CSIx_VSYNC, IPUx_CSIx_HSYNC, and IPUx_CSIx_PIX_CLK signals are used in this
mode. See Figure 60.
Figure 60. Gated Clock Mode Timing Diagram
A frame starts with a rising edge on IPUx_CSIx_VSYNC (all the timings correspond to straight polarity
of the corresponding signals). Then IPUx_CSIx_HSYNC goes to high and hold for the entire line. Pixel
clock is valid as long as IPUx_CSIx_HSYNC is high. Data is latched at the rising edge of the valid pixel
clocks. IPUx_CSIx_HSYNC goes to low at the end of line. Pixel clocks then become invalid and the CSI
stops receiving data from the stream. For the next line, the IPUx_CSIx_HSYNC timing repeats. For the
next frame, the IPUx_CSIx_VSYNC timing repeats.
4.11.10.2.3 Non-Gated Clock Mode
The timing is the same as the gated-clock mode (described in Section 4.11.10.2.2, “Gated Clock Mode,”)
except for the IPUx_CSIx_HSYNC signal, which is not used (see Figure 61). All incoming pixel clocks
are valid and cause data to be latched into the input FIFO. The IPUx_CSIx_PIX_CLK signal is inactive
(states low) until valid data is going to be transmitted over the bus.
Figure 61. Non-Gated Clock Mode Timing Diagram
The timing described in Figure 61 is that of a typical sensor. Some other sensors may have a slightly
different timing. The CSI can be programmed to support rising/falling-edge triggered
IPUx_CSIx_VSYNC; active-high/low IPUx_CSIx_HSYNC; and rising/falling-edge triggered
IPUx_CSIx_PIX_CLK.
IPUx_CSIx_VSYNC
IPUx_CSIx_PIX_CLK
IPUx_CSIx_DATA_EN[19:0]
invalid
1st byte
n+1th frame
invalid
1st byte
nth frame
Start of Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com