Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7ULPIECB2 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 25Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 26Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 27Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 28Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 29Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 30Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 31Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 32Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 112 page
background image
4.2.1 Analog—real-time domain
The i.MX 7ULP Real-Time Domain implements the following analog peripherals:
• 12-bit Analog to Digital Converter
• 12-bit Digital to Analog Converter
• Comparators
See i.MX 7ULP modules list for more details.
4.2.2 Connectivity and communications—real-time domain
The i.MX 7ULP Real-Time Domain implements the following connectivity and
communications peripherals:
• Low Power Universal Asynchronous Receiver/Transmitter (LPUART)
• Low Power Inter-Integrated Circuit (LPI2C)
• Low Power Serial Peripheral Interface (LPSPI)
• Rapid General-Purpose Input and Output with 2 Ports (RGPIO2P)
• Flexible Input/Output (FlexIO)
See the i.MX 7ULP modules list for more details.
5 System control modules
5.1 JTAG—system control
Joint Test Action Group Controller (JTAGC) provides the means to test chip
functionality and connectivity while remaining transparent to system logic when not
in test mode. Testing is performed via a boundary scan technique, as defined in the
IEEE 1149.1-2001 standard.
5.2 JTAG device identification register
The device identification register (JTAG ID) allows the revision number and part
number to be read through the TAP. See the device identification register section of
the i.MX 7ULP Applications Processor Reference Manual for details. This table
shows the Part Identification Number (PIN) and the Part Revision Number (PRN) for
each i.MX 7ULP silicon revision.
System control modules
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
29
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com