Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7ULPIECB2 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 75Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 76Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 77Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 78Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 79Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 80Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 81Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 82Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 112 page
background image
Table 43. USB signal definitions—Parallel (ULPI) interface
(continued)
Name
Direction
Signal description
USB_DIR
In
Direction. Controls the direction of the Data bus.
USB_STP
Out
Stop. The link asserts this signal for 1 clock cycle to stop the
data stream currently on the bus.
USB_NXT
In
Next. The PHY asserts this signal to throttle the data.
The following figure shows the USB transmit/receive timing diagram in parallel
mode.
Figure 26. USB Transmit and Receive timing diagram—Parallel (ULPI) mode
The following table lists the USB Transmit and Receive timing parameters in Parallel
(ULPI) mode.
Table 44. USB Transmit and Receive Timing Parameters—Parallel (ULPI) Mode
ID
Parameter
Min
Max
Unit
Conditions/
reference signal
US15
Setup time (DIR and NXT in, DAT in)
6.0
—
ns
14 pF
US16
Hold time (DIR and NXT in, DAT in)
0
—
ns
14 pF
US17
Output delay time (STP out, DAT out)
0
9.0
ns
14 pF
9 Specifications—real-time domain
Specifications—real-time domain
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
79
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com