| Electronic Components Datasheet Search |
|
IMX7ULPIECB2 Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7ULPIECB2 Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 112 page ![]() Table 1. i.MX 7ULP modules list (continued) Block Name Block Mnemonic Subsystem Power Domain Brief description LCD Interface Controller LCDIF Multimedia AD The LCDIF is a general purpose display controller used to drive a wide range of display devices varying in size and capabilities. The LCDIF is used as a bridge between the DSI controller and the NIC0 crossbar. Low-Leakage Wake- Up Unit LLWU System Control DGO The Low-Leakage Wake-Up Unit (LLWU) module allows user to select up to 32 external pin sources and up to 8 internal modules as a wakeup source from low leakage power modes. Low Power Inter- Integrated Circuit LPI2C0-7 Connectivity and Communications AD, RT The Low Power Inter-Integrated Circuit (LPI2C) module implements an efficient interface to an I2C bus as a master. The LPI2C can continue operating while the processor is in stop mode provided an appropriate peripheral clock is available. This module is designed for low CPU overhead with DMA offloading of FIFO register accesses. LPI2C0 - LPI2C3 are in the real-time domain. LPI2C4 - LPI2C7 are in the application domain. Low Power Periodic Interrupt Timer LPIT0-1 Timers AD, RT Low Power Periodic Interrupt Timer (LPIT) is a multichannel timer module that can generate independent pre- trigger and trigger outputs. These timer channels can operate individually or can be chained together. The pre-trigger and trigger outputs can be used to trigger other modules on the device. The LPIT can also operate in low power modes. LPIT0 is in the real-time domain. LPIT1 is in the application domain. Low Power Serial Peripheral Interface LPSPI0-3 Connectivity and Communications AD, RT The Low Power Serial Peripheral Interface (LPSPI) module implements an efficient interface to an SPI bus as a master and/or a slave. The LPSPI can continue operating while the processor is in stop mode if an appropriate peripheral clock is available. This module is designed for low CPU overhead with DMA offloading of FIFO register accesses. LPSPI0 and LPSPI1 are in the real-time domain. LPSPI2 and LPSPI3 are in the application domain. Low-power Trusted Cryptography LTC Security RT Low-power Trusted Cryptography is an architecture that allows multiple cryptographic hardware accelerator engines to be instantiated and share Table continues on the next page... i.MX 7ULP modules list i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021 13 NXP Semiconductors |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |