Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7ULPIECB2 Datasheet(PDF) 94 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 90Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 91Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 92Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 93Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 94Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 95Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 96Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 97Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 112 page
background image
Table 59. I2S/SAI slave mode timing (continued)
Num.
Parameter
Min
Max
Unit
S13
I2S_TX_FS/I2S_RX_FS input setup before I2S_TX_BCLK/
I2S_RX_BCLK
13
—
ns
S14
I2S_TX_FS/I2S_RX_FS input hold after I2S_TX_BCLK/
I2S_RX_BCLK
1
—
ns
S15
I2S_TX_BCLK to I2S_TXD/I2S_TX_FS output valid
—
22.8
ns
S16
I2S_TX_BCLK to I2S_TXD/I2S_TX_FS output invalid
1
—
ns
S17
I2S_RXD setup before I2S_RX_BCLK
12
—
ns
S18
I2S_RXD hold after I2S_RX_BCLK
1
—
ns
S19
I2S_TX_FS input assertion to I2S_TXD output valid1
—
17.0
ns
1. Applies to first bit in each frame and only if the TCR4[FSE] bit is clear
S15
S13
S15
S17
S18
S15
S16
S16
S14
S16
S11
S12
S12
I2S_TX_BCLK/
I2S_RX_BCLK (input)
I2S_TX_FS/
I2S_RX_FS (output)
I2S_TXD
I2S_RXD
I2S_TX_FS/
I2S_RX_FS (input)
S19
Figure 36. I2S/SAI timing — slave modes
9.2.4.5 VLPR, VLPW, and VLPS mode performance
This section provides the operating performance for the device in VLPR, VLPW, and
VLPS modes.
Table 60. I2S/SAI master mode timing in VLPR, VLPW, and VLPS modes
Num.
Parameter
Min
Max
Unit
S1
I2S_MCLK cycle time
60
—
ns
S2
I2S_MCLK pulse width high/low
45%
55%
MCLK period
S3
I2S_TX_BCLK/I2S_RX_BCLK cycle time (output)
100
—
ns
S4
I2S_TX_BCLK/I2S_RX_BCLK pulse width high/low
45%
55%
BCLK period
S5
I2S_TX_BCLK/I2S_RX_BCLK to I2S_TX_FS/I2S_RX_FS
output valid
—
15
ns
Table continues on the next page...
Specifications—real-time domain
94
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com