Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86D7308HSC Datasheet(PDF) 36 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 36 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 32Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 33Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 34Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 35Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 36Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 37Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 38Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 39Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 40Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
30
The upper nibble of the register pointer (see Figure 17) selects which working reg-
ister group, of 16 bytes in the register file, is accessed out of the possible 256. The
lower nibble selects the expanded register file bank and, in the case of the
Z86D73 family, banks 0, F, and D are implemented. A 0h in the lower nibble allows
the normal register file (bank 0) to be addressed. Any other value from 1h to Fh
exchanges the lower 16 registers to an expanded register bank.
Figure 17. Register Pointer
Example: Z86D73: (See Figure 16 on page 29)
R253 RP = 00h
R0 = Port 0
R1 = Port 1
R2 = Port 2
R3 = Port 3
But if:
R253 RP = 0Dh
R0 = CTRL0
R1 = CTRL1
R2 = CTRL2
R3 = Reserved
The counter/timers are mapped into ERF group D. Access is easily performed
using the following:
LD
RP, #0Dh
; Select ERF D for access to bank D
; (working register group 0)
LD
R0,#xx
; load CTRL0
LD
1, #xx
; load CTRL1
LD
R1, 2
; CTRL2
→CTRL1
R253 RP
D7
D6
D5
D4
D3
D2
D1
D0
Expanded Register
File Pointer
Working Register
Pointer
Default Setting After Reset = 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com