Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86D7308HSC Datasheet(PDF) 44 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 44 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 40Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 41Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 42Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 43Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 44Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 45Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 46Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 47Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 48Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
38
Mode
If the result is 0, the counter/timers are in the transmit mode; otherwise, they are in
the demodulation mode.
P36_Out/Demodulator_Input
In Transmit Mode, this bit defines whether P36 is used as a normal output pin or
the combined output of T8 and T16.
In Demodulation Mode, this bit defines whether the input signal to the Counter/
Timers is from P20 or P31.
T8/T16_Logic/Edge _Detect
In Transmit Mode, this field defines how the outputs of T8 and T16 are combined
(AND, OR, NOR, NAND).
In Demodulation Mode, this field defines which edge should be detected by the
edge detector.
Transmit_Submode/Glitch Filter
In Transmit Mode, this field defines whether T8 and T16 are in the Ping-Pong
mode or in independent normal operation mode. Setting this field to “Normal
Operation Mode” terminates the “Ping-Pong Mode” operation. When set to 10,
T16 is immediately forced to a 0; a setting of 11 forces T16 to output a 1.
In Demodulation Mode, this field defines the width of the glitch that must be fil-
tered out.
Initial_T8_Out/Rising_Edge
In Transmit Mode, if 0, the output of T8 is set to 0 when it starts to count. If 1, the
output of T8 is set to 1 when it starts to count. When the counter is not enabled
and this bit is set to 1 or 0, T8_OUT is set to the opposite state of this bit. This
Initial_T16_Out/
Falling_Edge
-------0
R/W
R
W
0
1
0
1
0
1
Transmit Mode
T16_OUT is 0 Initially
T16_OUT is 1 Initially
Demodulation Mode
No Falling Edge
Falling Edge Detected
No Effect
Reset Flag to 0
Note:
*Default upon Power-On Reset
Table 12. CTR(D)01h T8 and T16 Common Functions (Continued)
Field
Bit Position
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com