Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9153A Datasheet(PDF) 29 Page - Analog Devices

Part # ADE9153A
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153A Datasheet(HTML) 29 Page - Analog Devices

Back Button ADE9153A Datasheet HTML 25Page - Analog Devices ADE9153A Datasheet HTML 26Page - Analog Devices ADE9153A Datasheet HTML 27Page - Analog Devices ADE9153A Datasheet HTML 28Page - Analog Devices ADE9153A Datasheet HTML 29Page - Analog Devices ADE9153A Datasheet HTML 30Page - Analog Devices ADE9153A Datasheet HTML 31Page - Analog Devices ADE9153A Datasheet HTML 32Page - Analog Devices ADE9153A Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
Data Sheet
ADE9153A
Rev. 0 | Page 29 of 50
APPLICATIONS INFORMATION
INTERRUPTS/EVENTS
The ADE9153A has two pins, IRQ and ZX/DREADY/CF2, that
can be used as interrupts to the host processor.
IRQ PIN INTERRUPTS
The IRQ pin goes low when an enabled interrupts occurs and stays
low until the event is acknowledged by setting the corresponding
status bit in the status register. The bits in the mask register
configure the respective interrupts.
SERVICING INTERRUPTS
Interrupts in the ADE9153A are in a tiered system where it
never takes more than two communications to clear an interrupt.
The status register is a Tier 1 interrupt register and CHIP_STATUS,
EVENT_STATUS, and MS_STATUS_IRQ are Tier 2 interrupt
registers, which correspond to the status bits, CHIP_STAT,
EVENT_STAT, and MS_STAT.
For the Tier 1 status register bits, Bits[25:0],
1.
Read the status register to see which bit is set.
2.
Write a 1 to the status bits that must be cleared.
For the Tier 2 status register bits, Bits[31:29],
1.
Read the status register to see which Tier 2 register is set.
2.
Read the Tier 2 register (CHIP_STATUS, EVENT_STATUS,
or MS_STATUS_IRQ); the register is cleared on a read.
CF2/ZX/DREADY EVENT PIN
The CF2 pin is multiplexed with the ZX and DREADY functions
that track the state of zero crossings and when new data is
available, respectively. The ZX pin functionality goes high with
negative to positive zero crossings and goes low with positive
negative zero crossings. The DREADY pin functionality outputs
a 1 ms pulse when new data is ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com