Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9153A Datasheet(PDF) 46 Page - Analog Devices

Part # ADE9153A
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153A Datasheet(HTML) 46 Page - Analog Devices

Back Button ADE9153A Datasheet HTML 42Page - Analog Devices ADE9153A Datasheet HTML 43Page - Analog Devices ADE9153A Datasheet HTML 44Page - Analog Devices ADE9153A Datasheet HTML 45Page - Analog Devices ADE9153A Datasheet HTML 46Page - Analog Devices ADE9153A Datasheet HTML 47Page - Analog Devices ADE9153A Datasheet HTML 48Page - Analog Devices ADE9153A Datasheet HTML 49Page - Analog Devices ADE9153A Datasheet HTML 50Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 46 of 50
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x4AF
CONFIG2
[15:13]
Reserved
Reserved.
0x0
R
12
UPERIOD_SEL
Set this bit to use a user
configured line period, in
USER_PERIOD, for RMS_OC
calculation. If this bit is clear,
the voltage line period is
used.
0x0
R/W
[11:9]
HPF_CRN
High-pass filter corner (f3 dB)
enabled when the HPFDIS
bit in the CONFIG0 register
is equal to zero.
0x6
R/W
0 38.695 Hz.
1 19.6375 Hz.
10 9.895 Hz.
11 4.9675 Hz.
100 2.49 Hz.
101 1.2475 Hz.
110 0.625 Hz.
111 0.3125 Hz.
[8:0]
Reserved
Reserved.
0x0
R
0x4B0
EP_CFG
[15:8]
Reserved
Reserved.
0x0
R
[7:5]
NOLOAD_TMR
This register configures how
many 4 kSPS samples over
which to evaluate the no
load condition.
0x0
R/W
0 64 samples.
1 128 samples.
10 256 samples.
11 512 samples.
100 1024 samples.
101 2048 samples.
110 4096 samples.
111 Disable no load threshold.
4
Reserved
Reserved.
0x0
R
3
RD_RST_EN
Set this bit to enable the
energy register read with
reset feature. If this bit is set,
when one of the AWATTHR_x,
AFVARHR, or AVAHR registers
are read, it is reset and begins
accumulating energy from
zero.
0x0
R/W
2
EGY_LD_ACCUM
If this bit is equal to zero, the
internal energy register is
added to the user accessible
energy register. If this bit is
set, the internal energy
register overwrites the user
accessible energy register
when the EGYRDY event
occurs.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com