Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9153A Datasheet(PDF) 40 Page - Analog Devices

Part # ADE9153A
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153A Datasheet(HTML) 40 Page - Analog Devices

Back Button ADE9153A Datasheet HTML 36Page - Analog Devices ADE9153A Datasheet HTML 37Page - Analog Devices ADE9153A Datasheet HTML 38Page - Analog Devices ADE9153A Datasheet HTML 39Page - Analog Devices ADE9153A Datasheet HTML 40Page - Analog Devices ADE9153A Datasheet HTML 41Page - Analog Devices ADE9153A Datasheet HTML 42Page - Analog Devices ADE9153A Datasheet HTML 43Page - Analog Devices ADE9153A Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 40 of 50
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
2
REVRPA
This bit indicates if the
Phase A fundamental
reactive power changed
sign. This bit is updated
when the power value in
the AFVAR_ACC register
updates, after PWR_TIME
4 kSPS samples.
0x0
R/W1
1
Reserved
Reserved.
0x0
R
0
REVAPA
This bit indicates if the
Phase A total active power
changes sign. See the
REVRPA description.
0x0
R/W1
0x405
Mask
31
CHIP_STAT
Set this bit to enable an
interrupt when any bit in
the CHIP_STATUS register is
set.
0x0
R
30
EVENT_STAT
Set this bit to enable an
interrupt when any bit in
the EVENT_STATUS register
is set.
0x0
R/W
29
MS_STAT
Set this bit to enable an
interrupt when any bit in the
MSURE_STATUS_IRQ register
is set.
0x0
R/W
[28:26]
Reserved
Reserved.
0x0
R
25
PF_RDY
Set this bit to enable an
interrupt when the power
factor measurements
update, every 1.024 sec.
0x0
R/W
24
CRC_CHG
Set this bit to enable an
interrupt if any of the
registers monitored by the
configuration register CRC
change value. The CRC_RSLT
register holds the new
configuration register CRC
value.
0x0
R/W
23
CRC_DONE
Set this bit to enable an
interrupt when the
configuration register CRC
calculation is complete,
after being initiated by
writing the
FORCE_CRC_UPDATE bit in
the CRC_FORCE register.
0x0
R/W
22
Reserved
Reserved.
0x0
R
21
ZXTOAV
Set this bit to enable an
interrupt when there is a
zero-crossing timeout on
the voltage channel; this
means that a zero crossing
on the voltage channel is
missing.
0x0
R/W
20
ZXBI
Set this bit to enable an
interrupt when a zero
crossing is detected on
Current Channel B.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com