Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9153A Datasheet(PDF) 11 Page - Analog Devices

Part # ADE9153A
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153A Datasheet(HTML) 11 Page - Analog Devices

Back Button ADE9153A Datasheet HTML 7Page - Analog Devices ADE9153A Datasheet HTML 8Page - Analog Devices ADE9153A Datasheet HTML 9Page - Analog Devices ADE9153A Datasheet HTML 10Page - Analog Devices ADE9153A Datasheet HTML 11Page - Analog Devices ADE9153A Datasheet HTML 12Page - Analog Devices ADE9153A Datasheet HTML 13Page - Analog Devices ADE9153A Datasheet HTML 14Page - Analog Devices ADE9153A Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Data Sheet
ADE9153A
Rev. 0 | Page 11 of 50
TYPICAL PERFORMANCE CHARACTERISTICS
ENERGY LINEARITY OVER SUPPLY AND TEMPERATURE
Energy characteristics obtained from a 50% of full scale, sinusoidal, 50 Hz voltage signal; the sinusoidal, 50 Hz, swept amplitude current
signal is from 100% of full scale to 0.01% of full scale.
–0.75
–0.50
–0.25
0.25
0.50
0.75
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 4. Total Active Energy Error as a Percentage of Full-Scale Current over
Temperature, Power Factor = 1, Current Channel A (AI) PGA Gain = 16×
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 5. Total Active Energy Error as a Percentage of Full-Scale Current over
Temperature, Power Factor = 1, AI PGA Gain = 38.4×
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 6. Fundamental Reactive Energy Error as a Percentage of Full-Scale
Current over Temperature, Power Factor = 0, AI PGA Gain = 16×
PERCENTAGE OF FULL-SCALE CURRENT (%)
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
0.01
0.1
1
10
100
TA = –40°C
TA = +25°C
TA = +85°C
Figure 7. Fundamental Reactive Energy Error as a Percentage of Full-Scale
Current over Temperature, Power Factor = 0, AI PGA Gain = 38.4×
PERCENTAGE OF FULL-SCALE CURRENT (%)
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
0.01
0.1
1
10
100
TA = –40°C
TA = +25°C
TA = +85°C
Figure 8. Total Apparent Energy Error as a Percentage of Full-Scale Current
over Temperature, Power Factor = 1, AI PGA Gain = 16×
PERCENTAGE OF FULL-SCALE CURRENT (%)
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
0.01
0.1
1
10
100
TA = –40°C
TA = +25°C
TA = +85°C
Figure 9. Total Apparent Energy Error as a Percentage of Full-Scale Current
over Temperature, Power Factor = 1, AI PGA Gain = 38.4×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com