Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8331 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 5 Page - Analog Devices

  LT8331 Datasheet HTML 1Page - Analog Devices LT8331 Datasheet HTML 2Page - Analog Devices LT8331 Datasheet HTML 3Page - Analog Devices LT8331 Datasheet HTML 4Page - Analog Devices LT8331 Datasheet HTML 5Page - Analog Devices LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT8334
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Waveforms
(in CCM)
Switching Waveforms
(in DCM/Light Burst Mode)
Switching Waveforms
(in Deep Burst Mode)
VOUT Transient Response: Load
Current Transients from 200mA to
800mA to 200mA
Burst Frequency vs Load Current
VOUT Transient Response: Load
Current Transients from 400mA to
800mA to 400mA
VIN Pin Current (Sleep Mode, Not
Switching) vs Temperature
VIN Pin Current (Active Mode,
Not Switching, Bias = 0V)
vs Temperature
VIN Pin Current (Active Mode, Not
Switching, Bias = 5V)
vs Temperature
VIN = 12V
VBIAS = 0V
VSYNC_MODE = 0V
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
0
3
6
9
12
15
18
21
24
27
30
8334 G10
VIN = 12V
VBIAS = 0V
VSYNC_MODE = FLOAT
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
8334 G11
VIN = 12V
VBIAS = 5V
VSYNC_MODE = FLOAT
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
0
5
10
15
20
25
30
35
40
45
50
8334 G12
1µs/DIV
VSW
10V/DIV
IL
1A/DIV
8334 G13
VIN = 6V
VOUT = 24V
1µs/DIV
VSW
10V/DIV
IL
1A/DIV
8334 G14
VIN = 6V
VOUT = 24V
1µs/DIV
VSW
10V/DIV
IL
1A/DIV
8334 G15
VIN = 6V
VOUT = 24V
FRONT PAGE APPLICATION
VIN = 6V
VOUT = 24V
LOAD CURRENT (mA)
0 10 20 30 40 50 60 70 80 90 100
0
0.5
1.0
1.5
2.0
2.5
8334 F16
100µs/DIV
VOUT
500mV/DIV
IOUT
400mA/DIV
8334 G17
FRONT PAGE APPLICATION
VIN = 6V
VOUT = 24V
FRONT PAGE APPLICATION
VIN = 6V
VOUT = 24V
100µs/DIV
VOUT
500mV/DIV
IOUT
400mA/DIV
8334 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com