Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8331 Datasheet(PDF) 10 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices LT8331 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT8334
10
Rev. 0
For more information www.analog.com
INTVCC REGULATOR
A low dropout (LDO) linear regulator, supplied from VIN,
produces a 3.2V supply at the INTVCC pin. A minimum 1µF
low ESR ceramic capacitor must be used to bypass the
INTVCC pin to ground to supply the high transient currents
required by the internal power MOSFET gate driver.
No additional components or loading is allowed on this
pin. The INTVCC rising threshold (to allow soft-start and
switching) is typically 2.65V. The INTVCC falling threshold
(to stop switching and reset soft-start) is typically 2.5V.
To improve efficiency across all loads, the major-
ity of INTVCC current can be drawn from the BIAS pin
(4.4V ≤ BIAS ≤ VIN) instead of the VIN pin. For SEPIC
applications with VIN often greater than VOUT, the BIAS
pin can be directly connected to VOUT. If the BIAS pin is
connected to a supply other than VOUT, be sure to bypass
the pin with a local ceramic capacitor.
PROGRAMMING SWITCHING FREQUENCY
The LT8334 uses a constant frequency PWM architec-
ture that can be programmed to switch from 300kHz to
2MHz by using a resistor tied from the RT pin to ground.
Table  1 shows the necessary RT value for a desired
switching frequency.
The RT resistor required for a desired switching frequency
can be calculated with Equation 2.
RT =
51.2
fOSC
– 5.6
(2)
where RT is in kΩ and fOSC is the desired switching fre-
quency in MHz.
Table 1. SW Frequency vs RT Value
fOSC (MHz)
RT (kΩ)
0.3
165
0.45
107
0.75
63.4
1
45.3
1.5
28.7
2
20
SYNCHRONIZATION AND MODE SELECTION
To select low ripple Burst Mode operation, for high effi-
ciency at light loads, tie the SYNC/MODE pin below 0.14V
(this can be ground or a logic low output).
To synchronize the LT8334 oscillator to an external fre-
quency connect a square wave (with 20% to 80% duty
cycle) to the SYNC pin. The square wave amplitude should
have valleys that are below 0.4V and peaks above 1.7V
(up to 6V). The LT8334 will not enter Burst Mode opera-
tion at low output loads while synchronized to an external
clock, but instead will pulse skip to maintain regulation.
The LT8334 may be synchronized over a 300kHz to 2MHz
range. The RT resistor should be chosen to set the LT8334
switching frequency equal to or below the lowest synchro-
nization input. For example, if the synchronization sig-
nal will be 500kHz and higher, the RT should be selected
for 500kHz.
For some applications, it is desirable for the LT8334 to
operate in pulse-skipping mode, offering two major dif-
ferences from Burst Mode operation. Firstly, the clock
stays always awake and all switching cycles are aligned to
the clock. Secondly, the full switching frequency is main-
tained at lower output load than in Burst Mode operation.
These two differences come at the expense of increased
quiescent current. To enable pulse-skipping mode, float
the SYNC pin.
To improve EMI/EMC, the LT8334 can provide spread
spectrum frequency modulation (SSFM). This feature var-
ies the clock with a triangle frequency modulation of 20%.
For example, if the LT8334’s frequency was programmed
to switch at 2MHz, spread spectrum mode will modulate
the oscillator between 2MHz and 2.4MHz. The 20% mod-
ulation will occur at a frequency: fOSC/256 where fOSC is
the switching frequency programmed using the RT pin.
The LT8334 can also be configured to operate in
pulse-skipping/SSFM mode by tying the SYNC/MODE pin
above 1.7V. The LT8334 can also be configured for Burst
Mode operation at light loads (for improved efficiency)
and SSFM at heavy loads (for low EMI) by tying a 100k
from the SYNC/MODE pin to GND.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com