Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8331 Datasheet(PDF) 1 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 1 Page - Analog Devices

  LT8331 Datasheet HTML 1Page - Analog Devices LT8331 Datasheet HTML 2Page - Analog Devices LT8331 Datasheet HTML 3Page - Analog Devices LT8331 Datasheet HTML 4Page - Analog Devices LT8331 Datasheet HTML 5Page - Analog Devices LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT8334
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Low IQ Boost/SEPIC/Inverting
Converter with 5A, 40V Switch
The LT®8334 is a current mode DC/DC converter with a
40V, 5A switch operating from a 2.8V to 40V input. With
a unique single feedback pin architecture, it is capable
of boost, SEPIC or inverting configurations. Burst Mode
operation consumes as low as 9μA quiescent current to
maintain high efficiency at very low output currents, while
keeping typical output ripple below 15mV.
An external compensation pin allows optimization of loop
bandwidth over a wide range of input and output volt-
ages and programmable switching frequencies between
300kHz and 2MHz. A SYNC/MODE pin allows synchroni-
zation to an external clock. It can also be used to select
between BURST or PULSE SKIP modes of operation with
spread spectrum frequency modulation for low EMI. For
increased efficiency, a BIAS pin can accept a second input
to supply the INTVCC regulator. Additional features include
frequency foldback and programmable soft-start to con-
trol inductor current during start-up.
The LT8334 is available in a thermally enhanced 12-lead
4mm × 3mm DFN package.
APPLICATIONS
n
Wide Input Voltage Range: 2.8V to 40V
n
Ultralow Quiescent Current and Low Ripple Burst
Mode® Operation: IQ = 9μA
n
5A, 40V Power Switch
n
Positive or Negative Output Voltage Programming
with a Single Feedback Pin
n
Programmable Frequency (300kHz to 2MHz)
n
Sychronizable to an External Clock
n
Spread Spectrum Frequency Modulation for Low EMI
n
Bias Pin for Higher Efficiency
n
Programmable Undervoltage Lockout (UVLO)
n
Overcurrent and Overtemperature Protection
n
Thermally Enhanced 12-Lead 4mm × 3mm DFN
n
Industrial and Automotive
n
Telecom
n
Medical Diagnostic Equipment
n
Portable Electronics
All registered trademarks and trademarks are the property of their respective owners.
Efficiency and Power Loss
71.5k
20.0k
2MHz
1M
39k
10µF
10µF
×2
0.1µF
1nF
1µF
2.2µH
VIN
4V TO 20V
VOUT
24V
820mA AT VIN = 5V
2A
AT VIN = 12V
2.75A AT VIN = 16V
RT
SS
GND
SYNC/MODE
VC
LT8334
EN/UVLO
INTVCC
BIAS
FBX
VIN
SW
8334 TA01a
EFFICIENCY
POWER LOSS
VIN = 5V
VIN = 12V
LOAD CURRENT (A)
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2.0
0
10
20
30
40
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
8334 TA01b


Similar Part No. - LT8331

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8331 LINER-LT8331 Datasheet
1Mb / 30P
Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
logo
Analog Devices
LT8331 AD-LT8331 Datasheet
1Mb / 30P
Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
03/20-REV.C
LT8331 AD-LT8331 Datasheet
1Mb / 24P
28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
LT8331 AD-LT8331 Datasheet
2Mb / 34P
60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
LT8331 AD-LT8331 Datasheet
2Mb / 30P
Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
09/21-REV.A
More results

Similar Description - LT8331

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT8330 LINER-LT8330 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch
LT8335 LINER-LT8335 Datasheet
1Mb / 20P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
logo
Analog Devices
LT8331 AD-LT8331 Datasheet
1Mb / 30P
Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
03/20-REV.C
LT8365 AD-LT8365 Datasheet
2Mb / 30P
Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
09/21-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com