Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8331 Datasheet(PDF) 14 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices LT8331 Datasheet HTML 14Page - Analog Devices LT8331 Datasheet HTML 15Page - Analog Devices LT8331 Datasheet HTML 16Page - Analog Devices LT8331 Datasheet HTML 17Page - Analog Devices LT8331 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT8334
14
Rev. 0
For more information www.analog.com
should not allow peak inductor currents to exceed 5A
in steady state at maximum load. Due to tolerances, be
sure to account for minimum possible inductance value,
switching frequency and converter efficiency.
For inductor current operation in CCM and duty cycles
above 50%, the LT8334’s internal slope compensation
prevents subharmonic oscillations provided the inductor
value exceeds a minimum value given by Equation 13.
L
>
VIN
–35 •D2
+ 53 •D – 13
(
)• fOSC
( )
•
2 •D – 1
(
)
1– D
(
)
(13)
Lower L values are allowed if the inductor current oper-
ates in DCM or duty cycle operation is below 50%.
Table 2. Inductor Manufacturers
Sumida
www.sumida.com
TDK
www.tdk.com
Murata
www.murata.com
Coilcraft
www.coilcraft.com
Wurth
www.we-online.com
Boost Converter: Input Capacitor Selection
Bypass the input of the LT8334 circuit with a ceramic
capacitor of X7R or X5R type placed as close as possible
to the VIN and GND pins. Y5V types have poor performance
over temperature and applied voltage and should not be
used. A 4.7µF to 10µF ceramic capacitor is adequate to
bypass the LT8334 and will easily handle the ripple cur-
rent. If the input power source has high impedance, or
there is significant inductance due to long wires or cables,
additional bulk capacitance may be necessary. This can
be provided with a low performance electrolytic capacitor.
A precaution regarding the ceramic input capacitor con-
cerns the maximum input voltage rating of the LT8334.
A ceramic input capacitor combined with trace or cable
inductance forms a high quality (under damped) tank cir-
cuit. If the LT8334 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possibly
exceeding the LT8334’s voltage rating. This situation is
easily avoided (see Application Note 88).
Boost Converter: Output Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used at the output to minimize the output ripple volt-
age. Multilayer ceramic capacitors are an excellent choice,
as they are small and have extremely low ESR. Use X5R or
X7R types. This choice will provide low output ripple and
good transient response. A 4.7µF to 47µF output capacitor
is sufficient for most applications, but systems with very
low output currents may need only a 1µF or 2.2µF out-
put capacitor. Solid tantalum or OS-CON capacitor can be
used, but they will occupy more board area than a ceramic
and will have a higher ESR. Always use a capacitor with a
sufficient voltage rating.
Contributions of ESR (equivalent series resistance),
ESL (equivalent series inductance) and the bulk capac-
itance must be considered when choosing the correct
output capacitors for a given output ripple voltage. The
effect of these three parameters (ESR, ESL and bulk C)
on the output voltage ripple waveform for a typical boost
converter is illustrated in Figure 4.
VOUT
(AC)
tON
ΔVESR
RINGING DUE TO
TOTAL INDUCTANCE
(BOARD + CAP)
ΔVCOUT
8334 F04
tOFF
Figure 4. The Output Ripple Waveform of a Boost Converter
The choice of component(s) begins with the maximum
acceptable ripple voltage (expressed as a percentage of
the output voltage), and how this ripple should be divided
between the ESR step ∆VESR and the charging/discharging
∆VCOUT. For the purpose of simplicity, we will choose 2%
for the maximum output ripple, to be divided equally
between ∆VESR and ∆VCOUT. This percentage ripple will
change, depending on the requirements of the application,
and the following equations can easily be modified. For
a 1% contribution to the total ripple voltage, the ESR of
the output capacitor can be determined with Equation 14.
ESRCOUT ≤
0.01 • VOUT
ID(PEAK)
(14)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com