Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8331 Datasheet(PDF) 12 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 12 Page - Analog Devices

Back Button LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices LT8331 Datasheet HTML 14Page - Analog Devices LT8331 Datasheet HTML 15Page - Analog Devices LT8331 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT8334
12
Rev. 0
For more information www.analog.com
500µs/DIV
VOUT
10V/DIV
IL
1A/DIV
8334 F03
Figure 3. Soft-Start Waveforms
FAULT PROTECTION
An inductor overcurrent fault (> 9.4A) and/or INTVCC
undervoltage (INTVCC < 2.5V) and/or thermal lockout
(TJ > 170°C) will immediately prevent switching, will
reset the SS pin and will pull down VC. Once all faults are
removed, the LT8334 will soft-start VC and hence inductor
peak current.
FREQUENCY FOLDBACK
During start-up or fault conditions in which VOUT is
very low, extremely small duty cycles may be required
to maintain control of inductor peak current. The mini-
mum on-time limitation of the power switch might pre-
vent these low duty cycles from being achievable. In this
scenario inductor current rise will exceed inductor cur-
rent fall during each cycle, causing inductor current to
“walk up” beyond the switch current limit. The LT8334
provides protection from this by folding back switching
frequency whenever FBX or SS pins are close to GND
(low VOUT levels or start-up). This frequency foldback
provides a larger switch-off time, allowing inductor cur-
rent to fall enough each cycle (see Normalized Switching
Frequency vs FBX Voltage in the Typical Performance
Characteristics section).
THERMAL LOCKOUT
If the LT8334 die temperature reaches 170°C (typical),
the part will stop switching and go into thermal lockout.
When the die temperature has dropped by 5°C (nominal),
the part will resume switching with a soft-started inductor
peak current.
LOOP COMPENSATION
Loop compensation determines the stability and transient
performance. The LT8334 uses current mode control to
regulate the output which simplifies loop compensation.
The optimum values depend on the converter topology, the
component values and the operating conditions (including
the input voltage, load current, etc.). To compensate the
feedback loop of the LT8334, a series resistor-capacitor
network is usually connected from the VC pin to GND.
The Block Diagram shows the typical VC compensation
network. For most applications, the capacitor should be
in the range of 100pF to 10nF, and the resistor should
be in the range of 5k to 100k. A small capacitor is often
connected in parallel with the RC compensation network
to attenuate the VC voltage ripple induced from the out-
put voltage ripple through the internal error amplifier. The
parallel capacitor usually ranges in value from 2.2pF to
22pF. A practical approach to designing the compensation
network is to start with one of the circuits in this data
sheet that is like your application and tune the compensa-
tion network to optimize the performance. Stability should
then be checked across all operating conditions, including
load current, input voltage and temperature. Application
Note 76 is a good reference.
THERMAL CONSIDERATIONS
Care should be taken in the layout of the PCB to ensure
good heat sinking of the LT8334. Both packages have an
exposed pad underneath the IC which is the best path
for heat out of the package. The exposed pad should be
soldered to a continuous copper ground plane under the
device to reduce die temperature and increase the power
capability of the LT8334. The ground plane should be
connected to large copper layers to spread heat dissi-
pated by the LT8334. Power dissipation within the LT8334
(PDISS_LT8334) can be estimated by subtracting the
inductor and Schottky diode power losses from the total
power losses calculated in an efficiency measurement.
The junction temperature of LT8334 can then be esti-
mated with Equation 7.
TJ(LT8334) = TA + θJA • PDISS_LT8334
(7)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com