Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWPR1516CFM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MWPR1516CFM
Description  MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1516CFM Datasheet(HTML) 3 Page - NXP Semiconductors

  MWPR1516CFM Datasheet HTML 1Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 2Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 3Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 4Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 5Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 6Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 7Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 8Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Memories and Memory Interfaces
Program
flash
RAM
6-bit DAC
Watchdog
GPIO
Analog
Timers
Security
and Integrity
FTM
Clocks
Core
Debug
interfaces
Interrupt
controller
comparator
x1
Analog
Human-Machine
Interface (HMI)
NMI
System
Internal
watchdogs
ICS
PIT
clock
External
® Cortex™-M0+
ARM
Communication
Interfaces
UHV
LDO
CNC
x1
x1
PMC
x1
WPR1516 Family
FSKDT
12-bit ADC
x1
x1
I2C
x2
x1
x1
UART
Figure 1. Functional block diagram
MWPR1516 16 KB Flash, Rev2, 1/2015.
3
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com