Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWPR1516CFM Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MWPR1516CFM
Description  MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1516CFM Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MWPR1516CFM Datasheet HTML 5Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 6Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 7Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 8Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 9Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 10Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 11Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 12Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Table 3. Power supply electrical characteristics (continued)
Symbol
Description
Min.
Typical
1
Max.
Unit
VREC ≥ 4.9 V 3.781/
4.179/
4.577
3.8/ 4.2/
4.64
3.819/
4.221/
4.623
V
—
VREFH accuracy
VREC≥VREFH + 0.3, 0—70 °C
—
—
0.5
%
VREC≥VREFH + 0.3, -40—85 °C
—
—
0.8
%
IREFH
Output current
VREFH
VREC≥VREFH + 0.3
0
—
5
mA
VLVWA
VDD Low voltage
warning assert level
PMC_LVCTLSTAT1[SLVWSEL] = 0b
PMC_LVCTLSTAT1[SLVWSEL] = 1b
3.43
3.94
3.63
4.14
3.83
4.34
V
VLVWD
VDD Low voltage
warning deassert
level
PMC_LVCTLSTAT1[SLVWSEL] = 0b
PMC_LVCTLSTAT1[SLVWSEL] = 1b
3.54
4.08
3.74
4.28
3.94
4.48
V
VLVRA
VDD low voltage reset assert
2.97
3.02
—
V
VLVRD
VDD low voltage reset deassertl
—
—
3.13
V
VLVWREFHA Low voltage warning
for VREFH assert
level
PMC_VREFHLVW[LVWCFG]=00b
3.34
3.54
3.74
V
PMC_VREFHLVW[LVWCFG]=01b
3.43
3.63
3.83
V
PMC_VREFHLVW[LVWCFG]=10b
3.86
4.06
4.26
V
PMC_VREFHLVW[LVWCFG]=11b
4.11
4.31
4.51
V
VLVWREFHA Low voltage warning
for VREFH deassert
level
PMC_VREFHLVW[LVWCFG]=00b
3.45
3.65
3.85
V
PMC_VREFHLVW[LVWCFG]=01b
3.55
3.75
3.95
V
PMC_VREFHLVW[LVWCFG]=10b
4.00
4.20
4.40
V
PMC_VREFHLVW[LVWCFG]=11b
4.27
4.47
4.67
V
VLVR1.8A
Low voltage reset for VDD1.8 assert level
1.49
1.69
1.89
V
VLVR1.8D
Low voltage reset for VDD1.8 deassert level
1.56
1.76
1.96
V
VLVRDDFA
Low voltage reset for VDDF assert level
2.44
2.64
2.84
V
VLVRDDFD
Low voltage reset for VDDF deassert level
2.52
2.72
2.92
V
fLPOCLK
Trimmed LPOCLK output frequency
—
20
—
kHz
dfLPOCLK
Trimmed LPOCLK internal clock ∆f / fNOMINAL5
-5
—
5
%
tSDEL
LPOCLK start up delay
—
25
50
µs
dVHT
Temperature sensor slope
—
5.07
—
mV/°
C
VHT
Temperature sensor output voltage
—
1.57
—
V
THTIA
High temperature interrupt assert6
95
110
125
°C
THTID
High temperature interrupt deassert6
85
100
115
°C
VBG
Bandgap output voltage
1.13
1.2
1.32
V
VHCBG
HC Bandgap output voltage
1.14
1.15
1.16
V
tSTP_REC
Recovery time from
Stop
not including VREFH
including VREFH
—
—
15
1
—
—
µs
ms
1. Typical values are measured at 25 °C.
Nonswitching electrical specifications
MWPR1516 16 KB Flash, Rev2, 1/2015.
9
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com