Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWPR1516CFM Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MWPR1516CFM
Description  MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1516CFM Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MWPR1516CFM Datasheet HTML 26Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 27Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 28Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 29Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 30Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 31Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 32Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 33Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
32
QFN
36
WLC
SP
Pin Name
Default
ALT0
ALT1
ALT2
ALT3
31
C1
AC1
AC1
AC1
32
B1
AC2
AC2
AC2
5.2 Device pin assignment
VREFH
VSS3
PTB4
PTB3
24
23
22
21
20
19
18
17
ISENS
VOUT
NC
VOUT_FB
PTA4
PTA3
PTA2
PTA1
PTA0
VSS1
VDD1
VREC
8
7
6
5
4
3
2
1
Figure 12. 32-pin QFN package
NOTE
The NC pin must be floating, and do not tie it to the VDD or
VSS.
Pinout
30
MWPR1516 16 KB Flash, Rev2, 1/2015.
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com