Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWPR1516CFM Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MWPR1516CFM
Description  MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1516CFM Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MWPR1516CFM Datasheet HTML 2Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 3Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 4Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 5Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 6Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 7Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 8Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 9Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
1.4 Voltage and current operating ratings
Absolute maximum ratings are stress ratings only, and functional operation at the
maximum is not guaranteed. Stress beyond the limits specified in the following table
may affect device reliability or cause permanent damage to the device. For functional
operating conditions, refer to the remaining tables in this document.
This device contains circuitry protecting against damage due to high static voltage or
electrical fields; however, it is advised that normal precautions be taken to avoid
application of any voltages higher than maximum-rated voltages to this high-impedance
circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate
logic voltage level (for instance, either VSS or VDD) or the programmable pullup resistor
associated with the pin is enabled.
Table 1. Voltage and current operating ratings
Symbol
Description
Min.
Max.
Unit
VREC
Supply voltage from wireless receiver rectifier
0
20
V
VAC1/AC2
AC voltage input from wireless receiver coil
-0.3
21
V
IVREC
Maximum current into VREC
0
120
mA
VDIO
Digital input voltage (except RESET_b, EXTAL, and XTAL)
-0.3
VDD+0.3
VAD_IN
Wired power input voltage
0
12
VAIO
• Analog1, RESET, VOUT_FB, EXTAL, and XTAL input
voltage
• VOUT and ISENS input voltage
-0.3
-0.3
VDD+0.3
5.5
V
ID
Instantaneous maximum current single pin limit
• for GPIO pins
• for other pins except power pins
-25
-10
25
10
mA
1. Analog pins are defined as pins that do not have an associated general-purpose I/O port function.
Ratings
6
MWPR1516 16 KB Flash, Rev2, 1/2015.
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com