Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWPR1516CFM Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MWPR1516CFM
Description  MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1516CFM Datasheet(HTML) 5 Page - NXP Semiconductors

  MWPR1516CFM Datasheet HTML 1Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 2Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 3Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 4Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 5Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 6Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 7Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 8Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Ratings
1.1 Thermal handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
TSTG
Storage temperature
–55
150
°C
1
TSDR
Solder temperature, lead-free
—
260
°C
2
1. Determined according to JEDEC Standard JESD22-A103, High Temperature Storage Life.
2. Determined according to IPC/JEDEC Standard J-STD-020, Moisture/Reflow Sensitivity Classification for Nonhermetic
Solid State Surface Mount Devices.
1.2 Moisture handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
MSL
Moisture sensitivity level
—
3
—
1
1. Determined according to IPC/JEDEC Standard J-STD-020, Moisture/Reflow Sensitivity Classification for Nonhermetic
Solid State Surface Mount Devices.
1.3 ESD handling ratings
Symbol Description1
Min
Typ.
Max
Unit
Notes
VHBM
Electrostatic discharge voltage, human body model
-2000
—
+2000
V
2
VCDM
Electrostatic discharge voltage, charged-device model
-500
—
+500
V
3
ILAT
Latch-up current at ambient temperature of 85 °C
-100
—
+100
mA
4
1. Parameter is achieved by design characterization on a small sample size from typical devices under typical conditions,
unless otherwise noted.
2. Determined according to JEDEC Standard JESD22-A114, Electrostatic Discharge (ESD) Sensitivity Testing Human
Body Model (HBM).
3. Determined according to JEDEC Standard JESD22-C101, Field-Induced Charged-Device Model Test Method for
Electrostatic-Discharge-Withstand Thresholds of Microelectronic Components.
4. Determined according to JEDEC Standard JESD78, IC Latch-Up Test.
1
Ratings
MWPR1516 16 KB Flash, Rev2, 1/2015.
5
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com