Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8335 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 160 page
background image
56F8335 Technical Data, Rev. 1
22
Freescale Semiconductor
Preliminary
RXD1
(GPIOD7)
41
Input
Input/
Output
Input
Input
Receive Data — SCI1 receive data input
Port D GPIO — This GPIO pin can be individually programmed
as an input or output pin.
After reset, the default state is SCI input.
To deactivate the internal pull-up resistor, clear bit 7 in the
GPIOD_PUR register.
TCK
115
Schmitt
Input
Input,
pulled low
internally
Test Clock Input — This input pin provides a gated clock to
synchronize the test logic and shift serial data to the
JTAG/EOnCE port. The pin is connected internally to a
pull-down resistor.
TMS
116
Schmitt
Input
Input,
pulled high
internally
Test Mode Select Input — This input pin is used to sequence
the JTAG TAP controller’s state machine. It is sampled on the
rising edge of TCK and has an on-chip pull-up resistor.
To deactivate the internal pull-up resistor, set the JTAG bit in the
SIM_PUDR register.
TDI
117
Schmitt
Input
Input,
pulled high
internally
Test Data Input — This input pin provides a serial input data
stream to the JTAG/EOnCE port. It is sampled on the rising edge
of TCK and has an on-chip pull-up resistor.
To deactivate the internal pull-up resistor, set the JTAG bit in the
SIM_PUDR register.
TDO
118
Output
Tri-stated
Test Data Output — This tri-stateable output pin provides a
serial output data stream from the JTAG/EOnCE port. It is driven
in the shift-IR and shift-DR controller states, and changes on the
falling edge of TCK.
TRST
114
Schmitt
Input
Input,
pulled high
internally
Test Reset — As an input, a low signal on this pin provides a
reset signal to the JTAG TAP controller. To ensure complete
hardware reset, TRST should be asserted whenever RESET is
asserted. The only exception occurs in a debugging environment
when a hardware device reset is required and the JTAG/EOnCE
module must not be reset. In this case, assert RESET, but do not
assert TRST.
To deactivate the internal pull-up resistor, set the JTAG bit in the
SIM_PUDR register.
Table 2-2 Signal and Package Information for the 128-Pin LQFP
Signal
Name
Pin No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com