Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8335 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 160 page
background image
Signal Pins
56F8335 Technical Data, Rev. 1
Freescale Semiconductor
29
Preliminary
ANA0
80
Input
Input
ANA0 - 3 — Analog inputs to ADC A, channel 0
ANA1
81
ANA2
82
ANA3
83
ANA4
84
Input
Input
ANA4 - 7 — Analog inputs to ADC A, channel 1
ANA5
85
ANA6
86
ANA7
87
VREFH
93
Input
Input
VREFH — Analog Reference Voltage High. VREFH must be less
than or equal to VDDA_ADC.
VREFP
92
Input/
Output
Input/
Output
VREFP, VREFMID & VREFN — Internal pins for voltage reference
which are brought off-chip so that they can be bypassed.
Connect to a 0.1
µF low ESR capacitor.
VREFMID
91
VREFN
90
VREFLO
89
Input
Input
VREFLO — Analog Reference Voltage Low. This should normally
be connected to a low-noise VSSA.
ANB0
96
Input
Input
ANB0 - 3 — Analog inputs to ADC B, channel 0
ANB1
97
ANB2
98
ANB3
99
ANB4
100
Input
Input
ANB4 - 7 — Analog inputs to ADC B, channel 1
ANB5
101
ANB6
102
ANB7
103
TEMP_
SENSE
88
Temperature Sense Diode — This signal connects to an
on-chip diode that can be connected to one of the ADC inputs
and is used to monitor the temperature of the die. Must be
bypassed with a 0.01
µF capacitor.
Table 2-2 Signal and Package Information for the 128-Pin LQFP
Signal
Name
Pin No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com