| Electronic Components Datasheet Search |
|
56F8335 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8335 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc |
|
32 / 160 page ![]() 56F8335 Technical Data, Rev. 1 32 Freescale Semiconductor Preliminary Part 3 On-Chip Clock Synthesis (OCCS) 3.1 Introduction Refer to the OCCS chapter of the 56F8300 Peripheral User Manual for a full description of the OCCS. The material contained here identifies the specific features of the OCCS design. Figure 3-1 shows the specific OCCS block diagram to reference in the OCCS chapter of the 56F8300 Peripheral User Manual. Figure 3-1 OCCS Block Diagram 3.2 External Clock Operation The system clock can be derived from an external crystal, ceramic resonator, or an external system clock signal. To generate a reference frequency using the internal oscillator, a reference crystal or ceramic resonator must be connected between the EXTAL and XTAL pins. 3.2.1 Crystal Oscillator The internal oscillator is designed to interface with a parallel-resonant crystal resonator in the frequency range specified for the external crystal in Table 10-15. A recommended crystal oscillator circuit is shown in Figure 3-2. Follow the crystal supplier’s recommendations when selecting a crystal, since crystal parameters determine the component values required to provide maximum stability and reliable start-up. The crystal and associated components should be mounted as near as possible to the EXTAL and XTAL pins to minimize output distortion and start-up stabilization time. EXTAL XTAL LCK Prescaler CLK Postscaler CLK FOUT/2 Crystal OSC Loss of Reference Clock Detector Lock Detector ZSRC Bus Interface & Control FOUT PLLDB PLLCOD PLLCID Bus Interface Loss of Reference Clock Interrupt SYS_CLK2 Source to SIM CLKMODE ÷2 Prescaler ÷ (1,2,4,8) Postscaler ÷ (1,2,4,8) PLL x (1 to 128) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |