Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3955 Datasheet(PDF) 61 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 61 Page - ams AG

Back Button AS3955 Datasheet HTML 57Page - ams AG AS3955 Datasheet HTML 58Page - ams AG AS3955 Datasheet HTML 59Page - ams AG AS3955 Datasheet HTML 60Page - ams AG AS3955 Datasheet HTML 61Page - ams AG AS3955 Datasheet HTML 62Page - ams AG AS3955 Datasheet HTML 63Page - ams AG AS3955 Datasheet HTML 64Page - ams AG AS3955 Datasheet HTML 65Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 102 page
background image
ams Datasheet
Page 61
[v1-04] 2016-Feb-03
Document Feedback
AS3955 − Detailed Description
Figure 61:
SPI Communication: Writing Register Data with Auto-Incrementing Address
Reading Data from Addressable Registers
(Register Read Mode)
After the SPI operation mode bits, the register address to be
read shall be provided, MSB first. Then one or more data bytes
are transferred to MISO output, always MSB first. As in case of
the write mode, also the read mode supports
auto-incrementing addressing.
MOSI is sampled at the falling SCLK edge (as shown in the
following diagrams); data to be read from AS3955 internal
register is driven to MISO pin on rising edge of SCLK and is
sampled by the master at the falling SCLK edge.
In case the register on defined address does not exist, all 0 data
is sent to MISO. In the following figure an example of reading
of a single byte is given.
Figure 62:
SPI Communication: Reading a Single Register
00 0
A
4
A
3
A
2
A
1
A
0
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
X
X
Data is moved to
Address
<A4-A0> + n
/SS rising edge
signals end of
WRITE Mode
Three
leading bits
indicate Mode
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
1
D
0
Data is moved to
Address
<A4-A0> + (n-1)
Data is moved
to Address
<A4-A0> + 1
Data is
moved to
Address
<A4-A0>
/SS
SCLK
MOSI
00
1
A4
A3
A2
A1
A0
X
X
SCLK rising
edge Data is
moved from
Address
<A4-A0>
/SS rising
edge signals
end of READ
Mode
Three
leading bits
indicate The
Mode
D4
D3
D2
D1
D0
D7
D6
X
X
SCLK rising
edge Data is
transferred
from µC
SCLK falling
edge Data is
sampled
SCLK falling
edge Data is
transferred to
µC
D5
/SS
SCLK
MOSI
MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com