Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3955 Datasheet(PDF) 44 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 44 Page - ams AG

Back Button AS3955 Datasheet HTML 40Page - ams AG AS3955 Datasheet HTML 41Page - ams AG AS3955 Datasheet HTML 42Page - ams AG AS3955 Datasheet HTML 43Page - ams AG AS3955 Datasheet HTML 44Page - ams AG AS3955 Datasheet HTML 45Page - ams AG AS3955 Datasheet HTML 46Page - ams AG AS3955 Datasheet HTML 47Page - ams AG AS3955 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 102 page
background image
Page 44
ams Datasheet
Document Feedback
[v1-04] 2016-Feb-03
AS3955 − Detailed Description
Configuration Bytes MIRQ_0 and MIRQ_1
These two bytes define the default value of the volatile memory
for Mask Interrupt Register 0 and Mask Interrupt Register 1
registers. These bytes can always be accessed for read and write
via the SPI / I²C and can be accessed for read and write from the
RF side if rfcfg_en is set to 1.
AS3955 Communication Modes
AS3955 supports three different modes. The basic
communication mode is a standalone mode where AS3955 can
behave as a standalone NFC tag without MCU intervention. The
other two modes (Tunneling and Extended mode) represent
modification of the communication in SELECTED state. The
anti-collision process is the same for all three modes.
It is possible to change the mode of operation at any time.
In case Tunneling and Extended mode are both enabled,
Tunneling mode has priority over Extended mode.
Standalone NFC Type 2 Tag Mode
If neither of the two modes are enabled (Tunneling and
Extended mode) in IC Configuration Register 2, the tag is in
standalone mode. In this mode, all RF incoming commands
address the internal EEPROM. In this mode, it is always possible
to connect the MCU since all other functionalities of AS3955 are
not limited by the communication modes. The main purpose of
this mode is to use the AS3955 as a standalone chip or a chip
in combination with MCU where the MCU is used for managing
AS3955 configuration and memory content.
Tunneling Mode
Tunneling mode enables transparent data transfer between
NFC device and MCU. In this mode, the internal EEPROM cannot
be accessed via RF and any type of data received will be
forwarded to MCU when the tag is in SELECTED state. An error
during the reception will trigger a corresponding interrupt. In
this mode the MCU shall take care for the correct response. For
this purpose, the MCU may issue an ACK or a different type NAK
response using implemented commands.
By enabling this mode, the MCU can emulate NFC type 2 tags,
NFC type 4 tags, ISO14443A Level 3 cards, ISO14443A Level 4
cards, and also implement higher level protocols such as
[PHDC].
Tunneling mode can be configured by setting Configuration
Byte IC_CFG2 in EEPROM or the corresponding register
( IC Configuration Register 2).
This mode also allows access to the internal EEPROM via the SPI
/ I²C during RF communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com