Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3955 Datasheet(PDF) 79 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 79 Page - ams AG

Back Button AS3955 Datasheet HTML 75Page - ams AG AS3955 Datasheet HTML 76Page - ams AG AS3955 Datasheet HTML 77Page - ams AG AS3955 Datasheet HTML 78Page - ams AG AS3955 Datasheet HTML 79Page - ams AG AS3955 Datasheet HTML 80Page - ams AG AS3955 Datasheet HTML 81Page - ams AG AS3955 Datasheet HTML 82Page - ams AG AS3955 Datasheet HTML 83Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 102 page
background image
ams Datasheet
Page 79
[v1-04] 2016-Feb-03
Document Feedback
AS3955 − Register Description
Figure 87:
IC Configuration Register 1
Note(s):
1. Default value is loaded from EEPROM configuration block bits (IC_CFG1).
Figure 88:
IC Configuration Register 2
Note(s):
1. Default value is loaded from EEPROM configuration block bits (IC_CFG2)
Address 02h: IC Configuration 1
Bit
Name
Default
Function
Type
7en_rx_crc
See note
1: CRC stored in the buffer in the Tunneling mode
RO
6vreg<4>
Voltage level for voltage regulator VP_REG
(see Energy Harvesting)
RO
5vreg<3>
4vreg<2>
3vreg<1>
2vreg<0>
1rreg<1>
Output resistance value for voltage regulator VP_REG
(see Energy Harvesting)
RO
0rreg<0>
Address 03h: IC Configuration 2
Bit
Name
Default
Function
Type
7rfcfg_en
See note
See Configuration Byte IC_CFG2 for full
description
RO
6tun_mod
RW
5ext_mod
RW
4
nak_on_crc_parity
0
RO
3auth_set
See note
RO
2selr_b6_inv
0
RO
1powm<1>
See note
RW
0powm<0>
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com