Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3955 Datasheet(PDF) 24 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 24 Page - ams AG

Back Button AS3955 Datasheet HTML 20Page - ams AG AS3955 Datasheet HTML 21Page - ams AG AS3955 Datasheet HTML 22Page - ams AG AS3955 Datasheet HTML 23Page - ams AG AS3955 Datasheet HTML 24Page - ams AG AS3955 Datasheet HTML 25Page - ams AG AS3955 Datasheet HTML 26Page - ams AG AS3955 Datasheet HTML 27Page - ams AG AS3955 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-04] 2016-Feb-03
AS3955 − Detailed Description
UID Coding
Anti-collision procedure is based on the Unique Identification
Number (UID). AS3955 supports double size UID (7 bytes). First
three bytes of the UID are hardwired inputs to the PICC Logic
(uid<23:0>). The last 4 bytes of the UID are stored in EEPROM
UID block.
First UID Byte (uid0)
The first byte of UID is Manufacturer ID according to
[ISO7816-6]. It is coded on bits uid<7:0>. ams IC Manufacturer
ID is 3Fh.
Second UID Byte (uid1)
The second byte of UID (uid<15:8>) is reserved for ams’ chip
type (IC Type). Every ams’ RFID tag IC has its own chip type
assigned. AS3955 IC type is 14h.
Third UID Byte (uid2)
The third byte of UID (uid<23:16>) is set to 00h.
Figure 19:
Coding of First Three UID Bytes
Last Four UID Bytes (uid3-uid6)
The last 4 bytes of UID are read from EEPROM (UID block) and
pre-programmed during IC production. Those 4 bytes are
unique, and cannot be modified.
Figure 20:
Last Four UID Bytes
UID Byte
Value (Hex)
uid0
3F
uid1
14
uid2
00
UID Byte
UID Block Bits
uid3
b7-b0
uid4
b15-b8
uid5
b23-b16
uid6
b31-b24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com