Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3955 Datasheet(PDF) 74 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 74 Page - ams AG

Back Button AS3955 Datasheet HTML 70Page - ams AG AS3955 Datasheet HTML 71Page - ams AG AS3955 Datasheet HTML 72Page - ams AG AS3955 Datasheet HTML 73Page - ams AG AS3955 Datasheet HTML 74Page - ams AG AS3955 Datasheet HTML 75Page - ams AG AS3955 Datasheet HTML 76Page - ams AG AS3955 Datasheet HTML 77Page - ams AG AS3955 Datasheet HTML 78Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
Page 74
ams Datasheet
Document Feedback
[v1-04] 2016-Feb-03
AS3955 − Detailed Description
After data is received, the microcontroller shall check the
amount of bytes actually received. This information is available
in the Buffer Status Register 2, which displays number of bytes
in the buffer not yet read out. Buffer Status Register 1
additionally contains a flag indicating buffer overflow.
EEPROM Read and Write
The EEPROM can be accessed from SPI / I²C interface or over RF
field issuing NFC read and write commands. The EEPROM access
is controlled by the internal EEPROM controller. Since the
mutual access to the EEPROM is not possible AS3955 needs to
arbitrate between MCU and NFC device in cases of mutual
access. How this is handled it is defined according to arbit_mod
bit. Typical EEPROM programing time is 8.3 ms and should not
exceed 9.5 ms. Please note that word data is sent MSB first which
is opposite to the RFID EEPROM programming where LSB is sent
first.
Three interrupts can be triggered during EEPROM read or write:
• When EEPROM programing is executed successfully an I_
io_eewr interrupt is triggered.
• When EEPROM programming is terminated due to higher
priority of the RF part, writing to a non-existent address
or writing is not allowed an I_eeac_err interrupt is
triggered.
• When EEPROM is busy and can’t be accessed an I_acc_err
interrupt is triggered
Note that EEPROM does not contain any kind on ant tearing
mechanism that would allow detection of corrupted data
The valid range for the Block Address byte depends on the
EEPROM size. For 4kbit EEPROM, the valid range for the Block
Address byte is from 000_0000b to 111_1111b (EEPROM blocks
from 00h to 7Fh).
Data Buffer
Data in buffer is organized in bytes; each byte is terminated by
a parity bit. Data bits in a byte are numbered from b1 to b8
where b1 is LSB bit, LSB is sent first.
Data sent over SPI / I²C is also organized in bytes, bits in a byte
are marked D0 to D7, where D0 is LSB bit, MSB is sent first.
During reception, the framing engine checks the parity bit and
removes it from data frame, and only data bytes are put into
buffer. During transmission, the process is reversed, only data
bytes are put into buffer, while the framing engine adds the
parity bits.
The data bits b1 to b8 are mapped to buffer data bits D0 to D7,
which means that the order of receiving/transmitting bits in a
byte is reversed (the bytes are sent LSB first while the SPI / I²C
bytes are sent MSB first).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com