Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 57 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 57 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 53Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 54Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 55Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 56Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 57Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 58Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 59Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 60Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 61Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 152 page
background image
Figure 33: Burst READ Truncated by BST – RL = 3, BL = 16
Bank n
col addr a
Col addr a
READ
NOP
T0
T1
T2
T3
T4
T5
T6
T7
T8
CK_c
CK_t
CA[9:0]
CMD
DQS_c
DQS_t
DQ
RL = 3
Transitioning data
BST prohibited
NOP
NOP
BST
NOP
RL × tCK + tDQSCK + tDQSQ
NOP
D
OUT A4
D
OUT A5
D
OUT A6
D
OUT A7
D
OUT A0
D
OUT A1
D
OUT A2
D
OUT A3
NOP
NOP
Notes:
1. The BST command truncates an ongoing READ burst (RL × tCK + tDQSCK + tDQSQ) after
the rising edge of the clock where the BST command is issued.
2. BST can only be issued an even number of clock cycles after the READ command.
3. Additional BST commands are not supported after T4 and must not be issued until after
the next READ or WRITE command.
Write Data Mask
On the LPDDR2 device, one write data mask (DM) pin for each data byte (DQ) is sup-
ported, consistent with the implementation on LPDDR SDRAM. Each DM can mask its
respective DQ for any given cycle of the burst. Data mask timings match data bit timing,
but are inputs only. Internal data mask loading is identical to data bit loading to ensure
matched system timing.
Figure 34: Data Mask Timing
DQS_c
DQS_t
DQ
DM
tDS
tDH
tDS
V
IL(AC)
V
IH(AC)
V
IL(AC)
V
IH(AC)
V
IL(DC)
V
IH(DC)
tDH
V
IL(DC)
V
IH(DC)
Don’t Care
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Write Data Mask
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
57
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com