Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 58 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 58 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 54Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 55Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 56Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 57Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 58Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 59Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 60Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 61Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 62Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 152 page
background image
Figure 35: Write Data Mask – Second Data Bit Masked
DQS_c
CK_c
DQ
Don’t Care
DM
CMD
WL = 2
tDQSSmax
tDQSSmin
D
IN0
D
IN2
D
IN3
WRITE
tWTR
tWR
DQ
DM
D
IN0
D
IN2
D
IN3
Case 1: tDQSSmin
Case 2: tDQSSmax
D
IN1
D
IN1
CK_t
DQS_t
DQS_c
DQS_t
Note:
1. For the data mask function, WL = 2, BL = 4 is shown; the second data bit is masked.
PRECHARGE Command
The PRECHARGE command is used to precharge or close a bank that has been activa-
ted. The PRECHARGE command is initiated with CS_n LOW, CA0 HIGH, CA1 HIGH,
CA2 LOW, and CA3 HIGH at the rising edge of the clock. The PRECHARGE command
can be used to precharge each bank independently or all banks simultaneously. For a 4-
bank device, the AB flag and bank address bits BA0 and BA1 are used to determine
which bank(s) to precharge. For an 8-bank device, the AB flag and the bank address bits
BA0, BA1, and BA2 are used to determine which bank(s) to precharge. The precharged
bank(s) will be available for subsequent row access tRPab after an all bank PRECHARGE
command is issued, or tRPpb after a single-bank PRECHARGE command is issued.
To ensure that an 8-bank device can meet the instantaneous current demand required
to operate, the row precharge time (tRP) for an all bank PRECHARGE in an 8-bank de-
vice (tRPab) will be longer than the row precharge time for a single-bank PRECHARGE
(tRPpb). For a 4-bank device, tRPab is equal to tRPpb.
ACTIVATE to PRECHARGE timing is shown in ACTIVATE Command.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
PRECHARGE Command
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
58
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com