Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 86 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 86 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 82Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 83Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 84Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 85Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 86Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 87Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 88Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 89Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 90Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 152 page
background image
Figure 56: Power-Down Entry and Exit Timing
Exit
PD
Valid
NOP
NOP
Enter
PD
NOP
Enter power-down mode
Input clock frequency can be changed
or the input clock can be stopped during power-down.
1
Valid
CK_t
CKE
CS_n
CMD
tCKE(MIN)
tXP(MIN)
tCKE(MIN)
2 tCK(MIN)
tIHCKE
tIHCKE
Exit power-down mode
Don’t Care
tISCKE
tISCKE
CK_c
Note:
1. Input clock frequency can be changed or the input clock stopped during power-down,
provided that the clock frequency is between the minimum and maximum specified fre-
quencies for the speed grade in use, and that prior to power-down exit, a minimum of
two stable clocks complete.
Figure 57: CKE Intensive Environment
CK_c
CKE
tCKE
tCKE
tCKE
tCKE
CK_t
Figure 58: REFRESH-to-REFRESH Timing in CKE Intensive Environments
CK_c
CKE
CMD
tCKE
tCKE
tCKE
tCKE
REFRESH
REFRESH
tXP
tREFI
tXP
CK_t
Note:
1. The pattern shown can repeat over an extended period of time. With this pattern, all
AC and DC timing and voltage specifications with temperature and voltage drift are en-
sured.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Power-Down
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
86
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com