Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 114 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 114 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 110Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 111Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 112Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 113Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 114Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 115Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 116Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 117Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 118Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 152 page
background image
Figure 73: Single-Ended Requirements for Differential Signals
Time
V
DD2 or VDDQ
V
SS or VSSQ
V
DD2/2 or VDDQ/2
V
SEH(AC)min
V
SEH(AC)
V
SEL(AC)max
V
SEL(AC)
CK or DQS
While CA and DQ signal requirements are referenced to VREF, the single-ended compo-
nents of differential signals also have a requirement with respect to
VDDQ/2 for DQS, and VDD2/2 for CK.
The transition of single-ended signals through the AC levels is used to measure setup
time. For single-ended components of differential signals, the requirement to reach
VSEL(AC)max or VSEH(AC)min has no bearing on timing. This requirement does, however,
add a restriction on the common mode characteristics of these signals (see Single-
Ended AC and DC Input Levels for CA and CS_n Inputs for CK_t/CK_c single-ended re-
quirements, and Single-Ended AC and DC Input Levels for DQ and DM for DQ and
DQM single-ended requirements).
Table 73: Single-Ended Levels for CK_t, CK_c, DQS_t, DQS_c
Symbol
Parameter
LPDDR2-1066 to LPDDR2-466
LPDDR2-400 to LPDDR2-200
Unit Notes
Min
Max
Min
Max
VSEH(AC)
Single-ended HIGH
level for strobes
(VDDQ/2) + 0.220
Note 1
(VDDQ/2) + 0.300
Note 1
V
2, 3
Single-ended HIGH
level for CK_t, CK_c
(VDD2/2) + 0.220
Note 1
(VDD2/2) + 0.300
Note 1
V
2, 3
VSEL(AC)
Single-ended LOW
level for strobes
Note 1
(VDDQ/2) - 0.220
Note 1
(VDDQ/2) + 0.300
V
2, 3
Single-ended LOW
level for CK_t, CK_c
Note 1
(VDD2/2) - 0.220
Note 1
(VDD2/2) + 0.300
V
2, 3
Notes:
1. These values are not defined; however, the single-ended signals CK_t, CK_c, DQS0_t,
DQS0_c, DQS1_t, DQS1_c, DQS2_t, DQS2_c, DQS3_t, DQS3_c must be within the respec-
tive limits (VIH(DC)max/ VIL(DC)min) for single-ended signals, and must comply with the
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
AC and DC Logic Input Measurement Levels for Differential
Signals
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
114
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com