Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 119 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 119 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 115Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 116Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 117Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 118Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 119Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 120Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 121Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 122Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 123Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 152 page
background image
Table 80: Differential Output Slew Rate Definition
Description
Measured
Defined by
From
To
Differential output slew rate for rising edge
VOL,diff(AC)
VOH,diff(AC)
[VOH,diff(AC) - VOL,diff(AC)ΔTRdiff
Differential output slew rate for falling edge
VOH,diff(AC)
VOL,diff(AC)
[VOH,diff(AC) - VOL,diff(AC)ΔTFdiff
Note:
1. Output slew rate is verified by design and characterization and may not be subject to
production testing.
Figure 77: Differential Output Slew Rate Definition
V
OH,diff(AC)
0
V
OL,diff(AC)
Time
∆TF
diff
∆TR
diff
Table 81: Differential Output Slew Rate
Parameter
Symbol
Value
Unit
Min
Max
Differential output slew rate (output impedance = 40
Ω 
SRQdiff
3.0
7.0
V/ns
Differential output slew rate (output impedance = 60
Ω 
SRQdiff
2.0
5.0
V/ns
Notes:
1. Definitions: SR = slew rate; Q = output (similar to DQ = data-in, data-out); SE = single-
ended signals.
2. Measured with output reference load.
3. The output slew rate for falling and rising edges is defined and measured between
VOL(AC) and VOH(AC).
4. Slew rates are measured under typical simultaneous switching output (SSO) conditions,
with one-half of DQ signals per data byte driving HIGH and one-half of DQ signals per
data byte driving LOW.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Output Characteristics and Operating Conditions
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
119
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com