Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDB8164B4PR-1DITF-R Datasheet(PDF) 147 Page - Micron Technology

Part # EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Datasheet(HTML) 147 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 143Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 144Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 145Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 146Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 147Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 148Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 149Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 150Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 151Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 152 page
background image
Table 100: Derating Values for AC/DC-Based tDS/tDH (AC300)
ΔtDS, ΔtDH derating in ps
AC300 Threshold -> VIH(ac)=VREF(dc)+300mV, VIL(ac)=VREF(dc)-300mV
DC200 Threshold -> VIH(dc)=VREF(dc)+200mV, VIL(dc)=VREF(dc)-200mV
DQS_t, DQS_c Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
Δ
ΔtDS ΔtDH ΔtDS ΔtDH ΔtDS ΔtDH ΔtDS ΔtDH ΔtDS ΔtDH ΔtDS ΔtDH ΔtDS ΔtDH ΔtDS ΔtDH
DQ, DM
slew
rate V/ns
2.0
150
100
150
100
150
100
1.5
100
67
100
67
100
67
116
83
1.0
0
0
0
0
00
16
16
32
32
0.9
-4
-8
-4
-8
12
8
28
24
44
40
0.8
-12
-20
4
-4
20
12
36
28
52
48
0.7
-3
-18
13
-2
29
14
45
34
61
66
0.6
2
-21
18
-5
34
15
50
47
0.5
-12
-32
4
-12
20
20
0.4
-35
-40
-11
-8
Note:
1. Shaded cells are not supported.
Table 101: Required Time for Valid Transition – tVAC > VIH(AC) or < VIL(AC)
Slew Rate (V/ns)
tVAC at 300mV (ps)
tVAC at 220mV (ps)
Min
Max
Min
Max
>2.0
75
–
175
–
2.0
57
–
170
–
1.5
50
–
167
–
1.0
38
–
163
–
0.9
34
–
162
–
0.8
29
–
161
–
0.7
22
–
159
–
0.6
13
–
155
–
0.5
0
–
150
–
<0.5
0
–
150
–
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Data Setup, Hold, and Slew Rate Derating
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
147
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com