Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32G4TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STSPIN32G4TR
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STSPIN32G4TR Datasheet HTML 9Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 10Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 11Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 12Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 13Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 14Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 15Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 16Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
N.
Name
Type
Function(1)
42
OUT1
Power
Phase 1 high-side (floating) common voltage
43
GHS1
Analog Out
Phase 1 high-side driver output
44
PA8
I/O – FT_f
MCO, I2C2_SDA, I2S2_MCK, USART1_CK, TIM4_ETR, SAI1_CK2,
SAI1_SCK_A, EVENTOUT
45
PA9
I/O – FT_fd
I2C2_SCL, I2S3_MCK, USART1_TX, TIM15_BKIN, TIM2_CH3,
SAI1_FS_A, EVENTOUT, UCPD1_DBCC1
46
PA10
I/O – FT_da
TIM17_BKIN, USB_CRS_SYNC, I2C2_SMBA, SPI2_MISO, USART1_RX,
TIM2_CH4, TIM8_BKIN, SAI1_D1, SAI1_SD_A, EVENTOUT,
UCPD1_DBCC2
47
PA11
I/O – FT_u
SPI2_MOSI/I2S2_SD, USART1_CTS, COMP1_OUT, FDCAN1_RX,
TIM4_CH1, EVENTOUT, USB_DM
48
PA12
I/O – FT_u
TIM16_CH1, I2SCKIN, USART1_RTS_DE, COMP2_OUT, FDCAN1_TX,
TIM4_CH2, EVENTOUT, USB_DP
49
PA13 (2)
I/O – FT_f
SWDIO-JTMS, TIM16_CH1N, I2C1_SCL, IR_OUT, USART3_CTS,
TIM4_CH3, SAI1_SD_B, EVENTOUT
50
PA14(2)
I/O – FT_f
SWCLK-JTCK, LPTIM1_OUT, I2C1_SDA, TIM8_CH2, USART2_TX,
SAI1_FS_B, EVENTOUT
51
PA15(2)
I/O – FT_f
JTDI, TIM2_CH1, TIM8_CH1, I2C1_SCL, SPI1_NSS, SPI3_NSS/
I2S3_WS, USART2_RX, UART4_RTS_DE, TIM2_ETR, EVENTOUT
52
SCREF
Analog In
Set the threshold voltage of the short-circuit protection.
If the voltage pin is higher than VSCREF,dis threshold, the short-circuit
protection is disabled.
53
PD2
I/O – FT
TIM3_ETR, TIM8_BKIN, EVENTOUT
54
PB3(2)
I/O – FT
JTDO-TRACESWO, TIM2_CH2, TIM4_ETR, USB_CRS_SYNC,
TIM8_CH1N, SPI1_SCK, SPI3_SCK/I2S3_CK, USART2_TX, TIM3_ETR,
SAI1_SCK_B, EVENTOUT
55
PB4(2)
I/O – FT_c
JTRST, TIM16_CH1, TIM3_CH1, TIM8_CH2N, SPI1_MISO, SPI3_MISO,
USART2_RX, TIM17_BKIN, SAI1_MCLK_B, EVENTOUT, UCPD1_CC2
56
PB5
I/O – FT_f
TIM16_BKIN, TIM3_CH2, TIM8_CH3N, I2C1_SMBA, SPI1_MOSI,
SPI3_MOSI/I2S3_SD, USART2_CK, TIM17_CH1, LPTIM1_IN1,
SAI1_SD_B, EVENTOUT
57
PB6
I/O – FT_c
TIM16_CH1N, TIM4_CH1, TIM8_CH1, TIM8_ETR, USART1_TX,
COMP4_OUT, TIM8_BKIN2, LPTIM1_ETR, SAI1_FS_B, EVENTOUT,
UCPD1_CC1
58
PB7
I/O – FT_f
TIM17_CH1N, TIM4_CH2, I2C1_SDA, TIM8_BKIN, USART1_RX,
COMP3_OUT, TIM3_CH4, LPTIM1_IN2, UART4_CTS, EVENTOUT,
PVD_IN
59
PB8(3)
I/O – FT_f
MCU PB8-BOOT0
TIM16_CH1, TIM4_CH3, SAI1_CK1, I2C1_SCL, USART3_RX,
COMP1_OUT, FDCAN1_RX, TIM8_CH2, SAI1_MCLK_A, EVENTOUT
60
PB9
I/O – FT_f
TIM17_CH1, TIM4_CH4, SAI1_D2, I2C1_SDA, IR_OUT, USART3_TX,
COMP2_OUT, FDCAN1_TX, TIM8_CH3, SAI1_FS_A, EVENTOUT
61
VM
Power
Power supply voltage (Motor supply voltage)
62
SW
Power
Buck regulator switching output
63
VCC
Power
Gate driver supply voltage
64
REGIN
Power
3.3 V LDO regulator input
EPAD
VSS
Power
Control logic ground
1. Alternate and additional functions for MCU GPIOs. Refer to STM32G431VBx3 MCU documentation for more details.
2. After reset, these pins are configured as JTAG/SW debug alternate functions, and the internal pull-up on PA15, PA13, PB4
pins and the internal pull-down on PA14 pin are activated.
STSPIN32G4
Pin description
DS13630 - Rev 1
page 13/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com