Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32G4TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # STSPIN32G4TR
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STSPIN32G4TR Datasheet HTML 23Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 24Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 25Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 26Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 27Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 28Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 29Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 30Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
•
Shutdown mode: allows to achieve the lowest power consumption. The BOR is not available in Shutdown
mode. No power voltage monitoring is possible in this mode. The device exits Shutdown mode upon external
reset event (NRST pin), IWDG reset event, wakeup event (WKUP pin, configurable rising or falling edge) or
RTC event (alarm, periodic wakeup, timestamp, tamper).
5.3.3
Advanced-control timer (TIM1)
The advanced motor control timers (TIM1) can be seen as a four-phase PWM multiplexed on 8 channels. It has
complementary PWM outputs with programmable inserted deadtimes.
This timer is used to generate the PWM signal for the three half-bridge gate drivers as shown in Table 13.
Table 13. TIM1 channels configuration
MCU I/O
Analog IC inout
TIM1 channel
PE8
INL1
TIM1_CH1N
PE9
INH1
TIM1_CH1
PE10
INL2
TIM1_CH2N
PE11
INH2
TIM1_CH2
PE12
INL3
TIM1_CH3N
PE13
INH3
TIM1_CH3
PE14
READY
TIM1_BKIN2 (optional)
PE15
NFAULT
TIM1_BKIN (optional)
5.4
Standby mode
The STSPIN32G4 provides a standby mode to reduce power consumption, in particular:
•
All the outputs driver forced low (external power switches turned off)
•
All the embedded protections are disabled
•
The buck regulator is disabled
•
The 3.3 V LDO linear regulator is switched off
•
The I2C communication is not available
The device enters into low consumption mode setting the STBY bit. When the STBY bit is set, the device switches
to low consumption mode after tSTBY time. If during this time the WAKE input is high, the device aborts the
standby request clearing the STBY bit.
If the STBY_RDY bit is set the READY pin is tied to ground when the STBY request is asserted via I2C to indicate
the upcoming entry into standby condition. After tSTBY time when the device switches to low consumption mode
the READY pin is released to reduce current consumption.
The device wakes up from standby when the WAKE input goes high. The buck regulator performs a soft-start
ramp and the LDO regulator is turned on when the VCC reaches the VCC(On) threshold voltage. If the STBY_RDY
bit was set before entering standby, then the READY pin is forced low and released with a tWAKE,LDO delay from
VCC > VCC(On) event.
When the device is in low consumption status, the embedded MCU can be supplied through a specifically
designed linear regulator setting the STBY_REG_EN bit. The regulator generates VREGStby supply starting from
the main supply pin VM and is designed to provide a maximum IREG3V3,Stby supply current.
The standby regulator integrates an overcurrent protection that triggers a device reset in case the supply current
exceeds IREGStby,lim. During standby a dedicated voltage monitoring circuit is active on the REG3V3 pin which
triggers a device reset in case the voltage falls below VREG3V3Stby(Off). In case of reset due to overcurrent or
undervoltage, the system restarts from a power-up condition with registers restored to their defaults and both
buck and main LDO regulators enabled.
Note:
If the internal standby regulator is disabled when the device is in standby mode, only the undervoltage protection
on the REG3V3 pin is active.
STSPIN32G4
Standby mode
DS13630 - Rev 1
page 27/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com