Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32G4TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STSPIN32G4TR
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STSPIN32G4TR Datasheet HTML 10Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 11Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 12Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 13Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 14Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 15Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 16Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 17Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
3. It is recommended to set PB8 in a mode other than analog mode after startup to limit consumption if the pin is left
unconnected.
Table 7. MCU to gate driver internal connection
MCU pads
GD pads
Pinout
Notes
All VSS (VSSA included)
GND
VSS
Exposed pad
All VDD
REG3V3
VDD
PE7
WAKE
Push-pull output
PE8
INL1
TIM1_CH1N(1)
PE9
INH1
TIM1_CH1(1)
PE10
INL2
TIM1_CH2N(1)
PE11
INH2
TIM1_CH2(1)
PE12
INL3
TIM1_CH3N(1)
PE13
INH3
TIM1_CH3(1)
PE14
READY
Input with pull-up, TIM1_BKIN2(2)
(optional)
PE15
NFAULT
Input with pull-up, TIM1_BKIN (2)
(optional)
PC8
SCL
I2C3_SCL
PC9
SDA
I2C3_SDA
1. The gate driver IC is designed to support these GPIOs configuration only. Different configuration could cause device
malfunctioning. The GPIO input configuration without pull-up or pull-down is always allowed.
2. The lines are protected against conflict configuration. If the MCU GPIO is wrongly configured in push-pull mode, the device
is not damaged.
STSPIN32G4
Pin description
DS13630 - Rev 1
page 14/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com